Electronic Components Datasheet Search
  English  ▼

X  

USB-SSR08 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # USB-SSR08
Description  USB DIO High Voltage and Relay
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USB-SSR08 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  USB-SSR08 Datasheet HTML 1Page - List of Unclassifed Manufacturers USB-SSR08 Datasheet HTML 2Page - List of Unclassifed Manufacturers USB-SSR08 Datasheet HTML 3Page - List of Unclassifed Manufacturers USB-SSR08 Datasheet HTML 4Page - List of Unclassifed Manufacturers USB-SSR08 Datasheet HTML 5Page - List of Unclassifed Manufacturers USB-SSR08 Datasheet HTML 6Page - List of Unclassifed Manufacturers USB-SSR08 Datasheet HTML 7Page - List of Unclassifed Manufacturers USB-SSR08 Datasheet HTML 8Page - List of Unclassifed Manufacturers USB-SSR08 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Measurement Computing
(508) 946-5100
4
info@mccdaq.com
mccdaq.com
USB DIO High Voltage and Relay
Specifications - USB-PDISO8 Series
USB-PDISO8 Series Block Diagram
Relay
Driver
USB Controller
Differential
Isolated Inputs
Form C
Relay Outputs
USB 2.0
USB Interface
C
Lo
C
Hi
8
8
Power
Monitor
9 V
Nominal
External
Power
Power
Regulator
Control
Registers
USB-PDISO8: 24 screw terminals
USB-PDISO8/40: 40-pin connector
Specification
All specifications are subject to change without notice
Typical for 25 °C unless otherwise specified
USB-PDISO8 Series
Relay specification
Number: 8
Contact configuration: 8 FORM C (SPDT) NO, NC, and Common available at
connector.
Contact rating: 6 A @ 240 VAC or 28 VDC resistive (refer to Main Connector
on page 5)
Contact resistance: 100 m
Ω max
Operate time: 10 ms max
Release time
USB-PDISO8: 5 ms max
USB-PDISO8/40: 10 ms max
Vibration: 10 Hz to 55 Hz (dual amplitude 1.5 mm)
Shock: 10 G (11 ms)
Dielectric isolation: 500 V (1 minute)
Life expectancy: 10 million mechanical operations, min
Power on RESET state: Not energized. NC in contact to Common.
Isolated inputs
Number: 8
Isolation: 500 V
Resistance: 1.6 KΩ min
Voltage range (DC)
Input high: +5.0 VDC min or –5.0 VDC min
Input low: +1.5 VDC max or –1.5 VDC max
Input range: 30 VDC max
Voltage range (AC with filter
Input high: 6.0 Vrms min (50 Hz to 1000 Hz)
Input low: 1.5 Vrms max (50 Hz to 1000 Hz)
Response
Filter disabled: 20 µs
Filter enabled: 5 ms
Filters
Time constant: 5 ms (200 Hz)
Filter control: Software-selectable for each input.
Power-up /reset: Filters disabled
Power
USB +5 V input voltage range: 4.75 V to 5.25 V
USB +5 V supply current: All modes of operation: 10 mA max
External power input: 9 V nominal
External power supply (required): MCC p/n CB-PWR-9: 9 V @ 1.67 A
Voltage supervisor limits - PWR LED
6.5 V > Vext or Vext > 12.5 V: PWR LED = Off (power fault)
USB-PDISO8 Series devices monitor the external +9 V power supply voltage
with a voltage supervisory circuit. If this power supply exceeds its specified
limit, the PWR LED turns off, indicating a power fault condition.
6.5 V ≤ Vext < 12.5 V: PWR LED = On
External power consumption
All relays on, 100 mA downstream hub power: 820 mA typ, 900 mA max
All relays off, 0 A downstream hub power: 200 mA typ, 230 mA max



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com