Electronic Components Datasheet Search
  English  ▼

X  

TRACERDAQPRO Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TRACERDAQPRO
Description  USB DIO High Voltage and Relay
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TRACERDAQPRO Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TRACERDAQPRO Datasheet HTML 1Page - List of Unclassifed Manufacturers TRACERDAQPRO Datasheet HTML 2Page - List of Unclassifed Manufacturers TRACERDAQPRO Datasheet HTML 3Page - List of Unclassifed Manufacturers TRACERDAQPRO Datasheet HTML 4Page - List of Unclassifed Manufacturers TRACERDAQPRO Datasheet HTML 5Page - List of Unclassifed Manufacturers TRACERDAQPRO Datasheet HTML 6Page - List of Unclassifed Manufacturers TRACERDAQPRO Datasheet HTML 7Page - List of Unclassifed Manufacturers TRACERDAQPRO Datasheet HTML 8Page - List of Unclassifed Manufacturers TRACERDAQPRO Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Measurement Computing
(508) 946-5100
2
info@mccdaq.com
mccdaq.com
USB DIO High Voltage and Relay
Features
I/O Module Type Switch
USB-SSR Series devices have an onboard switch to configure
each module group for either input or output.
Devices are shipped with all modules configured for output.
Input and output modules cannot be mixed within a group.
Positive and negative relay contacts are brought out to screw
terminals for field wiring connections.
Relay Configuration Switche
USB-ERB/USB-SSR Series Only
USB-SSR Series and USB-ERB Series devices have two onboard
switches for configuring the relay logic polarity and output relay
power-up state for each relay bank/SSR module group. The cur-
rent configurationof each switch can be read back with software.
Devices are shipped with all relay banks/module groups confi -
ured for non-inverted logic and pull-up (relays/modules inactive
on power-up).
Differential Isolated Digital Inputs
USB-PDISO8 Series Only
All eight inputs on USB-PDISO8 Series devices can be driven by
either AC (50 Hz to 1000 Hz) or DC voltage, and can be read
back as a single byte.
Each input has a software-selectable filter with a time constant
of 5 ms (200 Hz). The filter is required for AC inputs, and recom-
mended for most DC inputs.
Each module group can be set to either input or output (default).
Input and output modules cannot be mixed within a group.
Up to eight optically isolated (500 V) digital input connec-
tion pairs are available from the signal I/O connector on
USB-PDISO8 Series devices.
Each signal is applied to a bridge rectifier so that the input is
not polarity-sensitive.
External Power
USB-PDISO8 Series devices require between 6.5 V and 12.5 V
of external power. USB-SSR Series and USB-ERB Series devices
require between 6.0 V and 12.5 V of external power.
An external power connection using the included external power
supply is required to activate relays and SSR modules, and to
run tests in software.
• USB-PDISO8 Series devices, USB-SSR Series devices, and the
USB-ERB08 are powered by a 9 V, 1.67 A external power
supply (CB-PWR-9) that ships with each device.
• The USB-ERB24 is powered by an external 9 V, 3 A regu-
lated power supply (CB-PWR-9V3A) that ships with the
device.
Daisy Chaining Multiple Devices
MCC high-voltage/relay DIO devices can be optionally daisy
chained to connect to the USB bus through the high-speed hub
on the host device. Up to four MCC USB devices can be daisy
chained to a single USB port on the PC using the standard/
included USB cables.
Make sure adequate power is provided to each connected device.
You can use an independent power supply for each device, or
connect a user-supplied custom cable to daisy chain power.
Voltage Drop
A drop in voltage occurs with each device connected in a daisy
chain configuration.The voltage drop between the power supply
input and the daisy chain output is 0.5 V maximum. Factor in
this voltage drop when configuringa daisy chain system to ensure
that at least 6.0 VDC is provided to the last device in the chain.
Supply Current
The following devices may require addition external power
adapters depending on the number of connected devices:
Device
External Power Consumption
(All Relays/SSR Modules On)
USB-PDISO8 Series
Draws 820 mA from the 1.67 A supply
USB-ERB08
Draws 750 mA from the 1.67 A supply
USB-ERB24
Draws 1.5 A from 3 A supply
USB-SSR24
Draws 800 mA from the 1.67 A supply
USB-SSR08
Draws 300 mA from the 1.67 A supply
Some devices may require their own external power supply in
a daisy chain configuration
If unsure as to how much current an application requires, MCC
recommends providing separate power to each connected device.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com