Electronic Components Datasheet Search
  English  ▼

X  

MK33 Datasheet(PDF) 3 Page - Innovative Sensor Technology

Part # MK33
Description  Capacitive Humidity Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IST [Innovative Sensor Technology]
Direct Link  https://www.ist-ag.com/en
Logo IST - Innovative Sensor Technology

MK33 Datasheet(HTML) 3 Page - Innovative Sensor Technology

  MK33 Datasheet HTML 1Page - Innovative Sensor Technology MK33 Datasheet HTML 2Page - Innovative Sensor Technology MK33 Datasheet HTML 3Page - Innovative Sensor Technology MK33 Datasheet HTML 4Page - Innovative Sensor Technology MK33 Datasheet HTML 5Page - Innovative Sensor Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Handling
Packaging
The wired humidity sensors are packaged in blisters. Please be careful when opening the blisters to avoid any
damages to the sensors.
To avoid damages handle as follows:
1. Side with curve has to face you.
2. Push your thumb beneath cover and press carefully
lock system until cover removes smoothly.
3. Press lock system on second side on the same way.
4. Remove cover slowly.
Storage
Sensors have to be stored only in the original blisters.
Storage environment :
-20°C...+50°C /-4...122°F (temperature range of blister)
MK33_AuCu | Humidity Sensor | MK33-W
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com