Electronic Components Datasheet Search
  English  ▼

X  

LSK489A Datasheet(PDF) 3 Page - Linear Integrated Systems

Part # LSK489A
Description  Low Noise, Monolithic Dual N-Channel JFET Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LSK489A Datasheet(HTML) 3 Page - Linear Integrated Systems

  LSK489A Datasheet HTML 1Page - Linear Integrated Systems LSK489A Datasheet HTML 2Page - Linear Integrated Systems LSK489A Datasheet HTML 3Page - Linear Integrated Systems LSK489A Datasheet HTML 4Page - Linear Integrated Systems LSK489A Datasheet HTML 5Page - Linear Integrated Systems LSK489A Datasheet HTML 6Page - Linear Integrated Systems LSK489A Datasheet HTML 7Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Doc 201151 04/12/2022 Rev# A40 ECN# LSK489
www.linearsystems.com
Page 3 of 7
LSK489A/B
Low Noise, Low Capacitance, Monolithic Dual N-Channel JFET Amplifier
Notes
Package Dimensions
DIMENSIONS IN INCHES
1
3
5
SOT-23
DIMENSIONS IN
MILLIMETERS
2
4
6
0.95
1.90
1.50
1.75
2.60
3.00
0.35
0.50
2.80
3.00
0.90
1.30
0.00
0.15
0.09
0.20
0.10
0.60
Six Lead
0.210
0.170
DIMENSIONS IN INCHES
DIMENSIONS IN MILLIMETERS
TO-71
Six Lead
SOIC-A
8 Lead
SOT-23
Six Lead
1. Absolute maximum ratings are limiting values above which serviceability may be impaired.
2.
Pulse width ≤2ms.
3. All MIN/TYP/MAX Limits are absolute values. Negative signs indicate electrical polarity only.
4. Derate 2.4 mW/°C above 25°C.
5. Derate 4 mW/°C above 25°C.
Information furnished by Linear Integrated Systems is believed to be accurate and reliable. However, no responsibility is
assumed for its use; nor for any infringement of patents or other rights of third parties which may result from its use. No license
is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.
0.049
0.061



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com