Electronic Components Datasheet Search
  English  ▼

X  

74LCX240FT Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 74LCX240FT
Description  CMOS Digital Integrated Circuits Silicon Monolithic
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

74LCX240FT Datasheet(HTML) 3 Page - Toshiba Semiconductor

  74LCX240FT Datasheet HTML 1Page - Toshiba Semiconductor 74LCX240FT Datasheet HTML 2Page - Toshiba Semiconductor 74LCX240FT Datasheet HTML 3Page - Toshiba Semiconductor 74LCX240FT Datasheet HTML 4Page - Toshiba Semiconductor 74LCX240FT Datasheet HTML 5Page - Toshiba Semiconductor 74LCX240FT Datasheet HTML 6Page - Toshiba Semiconductor 74LCX240FT Datasheet HTML 7Page - Toshiba Semiconductor 74LCX240FT Datasheet HTML 8Page - Toshiba Semiconductor 74LCX240FT Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
74LCX240FT
3
8.
8.
8.
8. Truth Table
Truth Table
Truth Table
Truth Table
Inputs OE
L
L
H
Inputs An
L
H
X
Outputs
H
L
Z
X:
Don't care
Z:
High impedance
9.
9.
9.
9. Absolute Maximum Ratings (Note)
Absolute Maximum Ratings (Note)
Absolute Maximum Ratings (Note)
Absolute Maximum Ratings (Note)
Characteristics
Supply voltage
Input voltage
Output voltage
Input diode current
Output diode current
Output current
Power dissipation
VCC/ground current
Storage temperature
Symbol
VCC
VIN
VOUT
IIK
IOK
IOUT
PD
ICC/IGND
Tstg
Note
(Note 1)
(Note 2)
(Note 3)
Rating
-0.5 to 6.5
-0.5 to 6.5
-0.5 to 6.5
-0.5 to VCC + 0.5
-50
±50
±50
180
±100
-65 to 150
Unit
V
V
V
mA
mA
mA
mW
mA
Note:
Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even
destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Note 1: Output in OFF state.
Note 2: High (H) or Low (L) state. IOUT absolute maximum rating must be observed.
Note 3: VOUT < GND, VOUT > VCC
2014-08-19
Rev.3.0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com