Electronic Components Datasheet Search
  English  ▼

X  

7ABT373APWDH Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 7ABT373APWDH
Description  Octal transparent latch 3-State
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

7ABT373APWDH Datasheet(HTML) 2 Page - NXP Semiconductors

  7ABT373APWDH Datasheet HTML 1Page - NXP Semiconductors 7ABT373APWDH Datasheet HTML 2Page - NXP Semiconductors 7ABT373APWDH Datasheet HTML 3Page - NXP Semiconductors 7ABT373APWDH Datasheet HTML 4Page - NXP Semiconductors 7ABT373APWDH Datasheet HTML 5Page - NXP Semiconductors 7ABT373APWDH Datasheet HTML 6Page - NXP Semiconductors 7ABT373APWDH Datasheet HTML 7Page - NXP Semiconductors 7ABT373APWDH Datasheet HTML 8Page - NXP Semiconductors 7ABT373APWDH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Philips Semiconductors
Product specification
74ABT373A
Octal transparent latch (3-State)
2
1995 Feb 17
853-1454 14852
FEATURES
• 8-bit transparent latch
• 3-State output buffers
• Output capability: +64mA/–32mA
• Latch-up protection exceeds 500mA per JEDEC Std 17
• ESD protection exceeds 2000 V per MIL STD 883 Method 3015
and 200 V per Machine Model
• Power-up 3-State
• Power-up reset
• Live insertion/extraction permitted
DESCRIPTION
The 74ABT373A high-performance BiCMOS device combines low
static and dynamic power dissipation with high speed and high
output drive.
The 74ABT373A device is an octal transparent latch coupled to
eight 3-State output buffers. The two sections of the device are
controlled independently by Enable (E) and Output Enable (OE)
control gates.
The data on the D inputs are transferred to the latch outputs when
the Latch Enable (E) input is High. The latch remains transparent to
the data inputs while E is High, and stores the data that is present
one setup time before the High-to-Low enable transition.
The 3-State output buffers are designed to drive heavily loaded
3-State buses, MOS memories, or MOS microprocessors. The
active-Low Output Enable (OE) controls all eight 3-State buffers
independent of the latch operation.
When OE is Low, the latched or transparent data appears at the
outputs. When OE is High, the outputs are in the High-impedance
“OFF” state, which means they will neither drive nor load the bus.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
Dn to Qn
CL = 50pF; VCC = 5V
3.2
3.6
ns
CIN
Input capacitance
VI = 0V or VCC
4
pF
COUT
Output capacitance
Outputs disabled; VO = 0V or VCC
7
pF
ICCZ
Total supply current
Outputs disabled; VCC =5.5V
100
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
20-Pin Plastic DIP
–40
°C to +85°C
74ABT373A N
74ABT373A N
SOT146-1
20-Pin plastic SO
–40
°C to +85°C
74ABT373A D
74ABT373A D
SOT163-1
20-Pin Plastic SSOP Type II
–40
°C to +85°C
74ABT373A DB
74ABTD373A B
SOT339-1
20-Pin Plastic TSSOP Type I
–40
°C to +85°C
74ABT373A PW
7ABT373APW DH
SOT360-1
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
OE
Q0
D0
D1
Q1
Q2
D2
D3
Q3
Q4
GND
D4
D5
Q5
Q6
D6
D7
Q7
VCC
E
SA00059
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
1
OE
Output enable input (active-Low)
3, 4, 7, 8, 13,
14, 17, 18
D0-D7
Data inputs
2, 5, 6, 9, 12,
15, 16, 19
Q0-Q7
Data outputs
11
E
Enable input (active-High)
10
GND
Ground (0V)
20
VCC
Positive supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com