Electronic Components Datasheet Search
  English  ▼

X  

INA236AIYBJR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # INA236AIYBJR
Description  INA236 48-V, 16-Bit, Ultra-Precise, Current, Voltage, and Power Monitor With an I2C Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA236AIYBJR Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA236AIYBJR Datasheet HTML 17Page - Texas Instruments INA236AIYBJR Datasheet HTML 18Page - Texas Instruments INA236AIYBJR Datasheet HTML 19Page - Texas Instruments INA236AIYBJR Datasheet HTML 20Page - Texas Instruments INA236AIYBJR Datasheet HTML 21Page - Texas Instruments INA236AIYBJR Datasheet HTML 22Page - Texas Instruments INA236AIYBJR Datasheet HTML 23Page - Texas Instruments INA236AIYBJR Datasheet HTML 24Page - Texas Instruments INA236AIYBJR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
5. Add '1' to the complement to create the two's complement result = 1000 0011 0000 0000 = 8300h
If averaging is enabled, this register displays the averaged value.
Table 7-5. Shunt Voltage Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
VSHUNT
R
0000h
Differential voltage measured across the shunt output. Two's
complement value.
Return to the Summary Table.
7.6.1.3 Bus Voltage Register (Address = 2h) [reset = 0000h]
The bus voltage register is shown in Table 7-6.
This register will only return positive values. If averaging is enabled, this register displays the averaged value.
Table 7-6. Bus Voltage Register Field Descriptions
Bit
Field
Type
Reset
Description
15
Reserved
R
0b
This bit returns Zero as common mode voltage is only positive
14-0
VBUS
R
0000h
These bits readout the bus voltage of the system
Return to the Summary Table.
7.6.1.4 POWER Register (Address = 3h) [reset = 0000h]
The power register is shown in Table 7-7.
If averaging is enabled, this register displays the averaged value. The Power Register records power in Watts by
multiplying the decimal values of the Current Register with the decimal value of the Bus Voltage Register. This is
an unsigned result.
Table 7-7. POWER Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
POWER
R
0000h
This bit returns a calculated value of power in the system.
This is an unsigned result.
Return to the Summary Table.
7.6.1.5 CURRENT Register (Address = 4h) [reset = 0000h]
CURRENT is shown in Table 7-8.
If averaging is enabled, this register displays the averaged value. The value of the Current Register is calculated
by multiplying the decimal value in the Shunt Voltage Register with the decimal value of the Calibration Register.
Table 7-8. CURRENT Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
CURRENT
R
0000h
Calculated current output in Amperes. Two's complement value.
Return to the Summary Table.
7.6.1.6 Calibration Register (Address = 5h) [reset = 0000h]
The calibration register shown in Table 7-9 must be programmed to receive valid current and power results after
initial power up or power cycle events.
This register provides the device with the value of the shunt resistor that was present to create the measured
differential voltage. It also sets the resolution of the Current Register. Programming this register sets the
Current_LSB and the Power_LSB.
www.ti.com
INA236
SBOSA81C – MAY 2021 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: INA236



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com