Electronic Components Datasheet Search
  English  ▼

X  

M09K Datasheet(PDF) 1 Page - MOSDESIGN SEMICONDUCTOR CORP

Part # M09K
Description  8 SOUNDS 9 KEYS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSDESIGN [MOSDESIGN SEMICONDUCTOR CORP]
Direct Link  http://www.mosdesign.com.tw
Logo MOSDESIGN - MOSDESIGN SEMICONDUCTOR CORP

M09K Datasheet(HTML) 1 Page - MOSDESIGN SEMICONDUCTOR CORP

  M09K Datasheet HTML 1Page - MOSDESIGN SEMICONDUCTOR CORP M09K Datasheet HTML 2Page - MOSDESIGN SEMICONDUCTOR CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
8 SOUNDS 9 KEYS
8 音效 9 鍵 IC
1/2
2012-04-09
SOUND EFFECT
M09
TAIPEI : TEL : 886-2- 22783733
FAX : 886-2- 22783633
H.K.
: TEL : 852-
27569109
FAX : 852-
27566961
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
FEATURES 功能敘述
‧ 8 different electronic sounds.
‧ 3 sound effect:Tone, Boom and Noise.
‧ K9:Scan key.
APPLICATION 產品應用
‧ Alarm system , Toys, Key chain.
ELECTRICAL CHARACTERISTICS 電氣規格
( @V
DD=3V unless otherwise specified )
Characteristics
Sym.
Min.
Typ.
Max.
Unit
REMARKS
工作電壓 Operating Voltage
V
DD
─
34.5
V
工作電流 Operating Current
I
OP
─
0.1
0.5
mA
No load
靜態電流 Quiescent Current
I
SB
─
15
μA
推動電流 BZ Driving Current
I
O
1
──
mA
@V
DS=1V
推動電流 LO Driving Current
I
OL
6
──
mA
@V
DS=1.2V
振盪頻率 Oscillator Frequency
F
OSC
─
128
─
KHz
External±30% , Rosc=150KΩ
工作溫度 Operating Temperature
Temp.
0
25
60
℃
APPLICATION DIAGRAM 參考電路圖
*All specs and applications shown above subject to change without prior notice.
( 以上電路及規格僅供參考,本公司得逕行修正 )
M09
M09K
M09CA
M09RC
K1
RIFLE
RIFLE
EXPLOSION
MELODY*
K2
RIFLE (ECHO)
RIFLE (ECHO)
POLICE CAR
FIRE ENGINE
K3
TV GAME
TV GAME
FIRE ENGINE
AMBULANCE
K4
DUAL TONE
DUAL TONE
AMBULANCE
POLICE CAR
K5
BOMB 1
MELODY
CAR ENGLINE
HORN
K6
BOMB 2
MELODY
TRUMP
ENGINE
K7
GUN 1
MELODY
MELODY*
REVERSE
K8
GUN 2
MELODY
MELODY*
MELODY*
K9
SCAN
SCAN
SCAN
SCAN
Fosc
≒128KHz
≒128KHz
≒64KHz
≒64KHz
Rosc
≒150KΩ≒150KΩ≒300KΩ≒300KΩ
M09P
LO
VDD
BZ
BB
K9
K8
K7
K6
K5
K4
K3
K2
K1
Y
LH
VSS
X
118
910
VDD
K1
K2
K3
K4
K5
K6
K7
K8
K9
Rosc
Y
X
LH
VSS
LO
BZ
BB
BUZZER
M09
1.56 x 1.70 mm
2
底=VDD


Similar Part No. - M09K

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M09000-14 MA-COM-M09000-14 Datasheet
644Kb / 56P
Three programmable 1.2A common anode LED/laser drivers with integrated buck-boost converter and PWM current control
logo
RAF ELECTRONIC HARDWARE
M0904-B-25-AL RAF-M0904-B-25-AL Datasheet
50Kb / 1P
4.5 MM ROUND SWAGE SPACER
logo
CBC Group. CBC AMERICA ...
M0918FIC-MP COMPUTAR-M0918FIC-MP Datasheet
69Kb / 1P
f=9mm F1.8 for 2/3 type 5 Megapixel Cameras, Fixed-focal, Manual Iris C‐Mount
2012.11
logo
Nuvoton Technology Corp...
M091TC2AE NUVOTON-M091TC2AE Datasheet
3Mb / 121P
Arm® Cortex® -M0-based Microcontroller
Feb. 7, 2023 - Rev 1.00
logo
Microsemi Corporation
M09207 MICROSEMI-M09207 Datasheet
147Kb / 2P
K Band Waveguide Modulator
More results

Similar Description - M09K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M85A ETC1-M85A Datasheet
110Kb / 2P
8 different sounds in one key
logo
Tontek Design Technolog...
TTP225-806Q TONTEK-TTP225-806Q Datasheet
280Kb / 14P
8 KEYS TOUCH PAD DETECTOR IC
TTP229 TONTEK-TTP229 Datasheet
370Kb / 19P
16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
TTP229-AQG TONTEK-TTP229-AQG Datasheet
354Kb / 18P
16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
TTP229-BSF TONTEK-TTP229-BSF Datasheet
331Kb / 16P
16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
TTP229-GQD TONTEK-TTP229-GQD Datasheet
317Kb / 14P
8 KEYS TOUCH PAD DETECTOR IC
TTP229-HSB TONTEK-TTP229-HSB Datasheet
305Kb / 12P
8 KEYS TOUCH PAD DETECTOR IC
TTP229-KSF TONTEK-TTP229-KSF Datasheet
336Kb / 18P
16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
TTP229-LSF TONTEK-TTP229-LSF Datasheet
337Kb / 18P
16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
logo
MOSDESIGN SEMICONDUCTOR...
M2387 MOSDESIGN-M2387 Datasheet
97Kb / 1P
WITH 7 LEDS 8 SOUNDS 8 KEYS
2012-04-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com