Electronic Components Datasheet Search
  English  ▼

X  

M12 Datasheet(PDF) 1 Page - MOSDESIGN SEMICONDUCTOR CORP

Part # M12
Description  12 KEYS PIANO 8/12 DEMO TUNES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSDESIGN [MOSDESIGN SEMICONDUCTOR CORP]
Direct Link  http://www.mosdesign.com.tw
Logo MOSDESIGN - MOSDESIGN SEMICONDUCTOR CORP

M12 Datasheet(HTML) 1 Page - MOSDESIGN SEMICONDUCTOR CORP

  M12 Datasheet HTML 1Page - MOSDESIGN SEMICONDUCTOR CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
12 KEYS PIANO
12 鍵電子琴
8/12 DEMO TUNES
12 鍵 8 首歌
1/1
2004-03-04
PIANO
M12
TAIPEI : TEL : 886-2- 22783733
FAX : 886-2- 22783633
H.K.
: TEL : 852-
27569109
FAX : 852-
27566961
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
FEATURES 功能敘述
• 12 keys piano with 8/12 demo tunes.
• Built-in digital envelope.
• With vibration function.
APPLICATION 產品應用
• Melody card, Melody module, Toys.
ELECTRICAL CHARACTERISTICS 電氣規格
( @V
DD=3V unless otherwise specified )
Characteristics
Sym.
Min.
Typ.
Max.
Unit
REMARKS
工作電壓 Operating Voltage
V
DD
2
3
3.5
V
工作電流 Operating Current
I
OP
─
0.2
0.6
mA
No load
靜態電流 Quiescent Current
I
SB
─
1
5
μA
推動電流 BZ Driving Current
I
O
3
─
─
mA
@ V
DS=1V
振盪頻率 Oscillator Frequency
F
OSC
─
100
─
KHz
External±30% , Rosc=200KΩ
工作溫度 Operating Temperature
Temp.
0
25
60
℃
APPLICATION DIAGRAM 參考電路圖
*All specs and applications shown above subject to change without prior notice.
( 以上電路及規格僅供參考,本公司得逕行修正 )
KEY
SONG LIST
K1
HAPPY BIRTHDAY
K2
LITTLE STAR
K3
JINGLE BELLS
K4
LONDON BRIDGE
K5
A LITTLE LAMB
K6
ARE YOU SLEEPING
K7
HOME SWEET HOME
K8
ROW YOUR BOAT
K9
HAPPY BIRTHDAY
K10
LITTLE STAR
K11
JINGLE BELLS
K12
LONDON BRIDGE
VDD
VIB
DEMO
K1
K2
K3
K4
X
Y
BZ
BB
VSS
TEST2
TEST
K12
K11
K10
K9
K8
K7
K6
M12P
K5
1
40
20
21
DEMO
K12
VSS
BZ
VIB
X
Rosc
Y
BB
VDD
VDD
K1
K2
K3
K4 K5
K6
K7
K8
K9
K10 K11
M12
1.72 x 1.86 mm
2
底=VDD


Similar Part No. - M12

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
M12 MEDER-M12 Datasheet
104Kb / 1P
Magnet
logo
CONEC Elektronische Bau...
M12 CONEC-M12 Datasheet
324Kb / 1P
Field Attachable
logo
Cynergy3 Co
M12 CYNERGY3-M12 Datasheet
65Kb / 1P
Cables for sensors with M12 round connection
logo
TE Connectivity Ltd
M12 TEC-M12 Datasheet
2Mb / 2P
FIELD INSTALLABLE CONNECTORS
logo
Banner Engineering Corp...
M12 BANNER-M12 Datasheet
939Kb / 6P
M12 Class 1 Laser Emitter
More results

Similar Description - M12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC88A ETC1-MC88A Datasheet
99Kb / 1P
8 TUNES 8 KEY WITH SCAN KEY
logo
Nihon Kaiheiki Industry...
FMBN16BD NKK-FMBN16BD Datasheet
318Kb / 4P
Nonilluminated options in 4 or 16 keys, illuminated choices in 12 or 16 keys
logo
Tontek Design Technolog...
TTP229-AQG TONTEK-TTP229-AQG Datasheet
354Kb / 18P
16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
TTP229-LSF TONTEK-TTP229-LSF Datasheet
337Kb / 18P
16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
logo
PHOENIX CONTACT
2404321 PHOENIX-2404321 Datasheet
47Kb / 1P
Niagara 4 demo license with unlimited functionality and 12-month runtime
logo
PADAUK Technology.
PMS164 PADAUK-PMS164 Datasheet
1Mb / 74P
12 Touch Keys OTP Controller
logo
Schneider Electric
HMIZKB1 SCHNEIDER-HMIZKB1 Datasheet
110Kb / 4P
USB keyboard - 12 function - keys with LEDs integrated - alphanumeric input
Jun 12, 2020
logo
MOSDESIGN SEMICONDUCTOR...
M09 MOSDESIGN-M09 Datasheet
102Kb / 2P
8 SOUNDS 9 KEYS
2012-04-09
M12-1 MOSDESIGN-M12-1 Datasheet
106Kb / 1P
12 KEYS PIANO 8/12 DEMO TUNES
2001-09-12
MC88A MOSDESIGN-MC88A Datasheet
23Kb / 1P
8 TUNES 8 KEY WITH SCAN KEY
2005-01-25
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com