Electronic Components Datasheet Search
  English  ▼

X  

M1DA Datasheet(PDF) 3 Page - MOSDESIGN SEMICONDUCTOR CORP

Part # M1DA
Description  2 STATES EN/DECODER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSDESIGN [MOSDESIGN SEMICONDUCTOR CORP]
Direct Link  http://www.mosdesign.com.tw
Logo MOSDESIGN - MOSDESIGN SEMICONDUCTOR CORP

M1DA Datasheet(HTML) 3 Page - MOSDESIGN SEMICONDUCTOR CORP

  M1DA Datasheet HTML 1Page - MOSDESIGN SEMICONDUCTOR CORP M1DA Datasheet HTML 2Page - MOSDESIGN SEMICONDUCTOR CORP M1DA Datasheet HTML 3Page - MOSDESIGN SEMICONDUCTOR CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2 STATES EN/DECODER
2 態編/解碼 IC
3/3
2008-10-08
EN/DECODER
M1E/M1DA/FA
TAIPEI : TEL : 886-2- 22783733
FAX : 886-2- 22783633
H.K.
: TEL : 852-
27569109
FAX : 852-
27566961
EN/DE
編/解碼
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
PAD ASSIGNMENT & POSITION
M1E:
M1DA/FA:
* M1E CHIP SIZE ~ 1.80 x 1.81 mm
2
* M1DA/FA CHIP SIZE ~ 2.60 X 2.60 mm
2
* IC substrate should be connected to VDD in PCB (PCB 上 IC 必須接 VDD)
( 0,0 )
X
Y
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
17
18
16
UNIT : um
No.
NAME
X
Y
1
A10
728
732.5
2A11
528
732.5
3
TEB
211
732.5
4Y
-31.5
732.5
5
X
-728.5
732.5
6
DO
-728.5
376.5
7
VDD
-728.5
36
8
A0
-728.5
-164
9
A1
-728.5
-533
10
A2
-728.5
-733
11
A3
-480.5
-733
12
A4
-101
-733
13
A5
184
-733
14
A6
480
-733
15
A7
728
-733
16
VSS
728
-66
17
A8
728
183
18
A9
728
431.5
UNIT : um
No.
NAME
X
Y
1
X
259.5 1096.5
2
VT
-9.5
1096.5
3
VDD
-347
1096.5
4
A0
-547
1096.5
5
A1
-950
1096.5
6
A2
-1150
1025
7
A3
-1150
702
8
A4
-1150
502
9
A5
-1150
179
10
A6
-1043
-1100
11
A7
-799.5
-1100
12
VSS
-599.5
-1100
13
A8/D0
-251
-1100
14
A9/D1
169
-1100
15
A10/D2
696
-1100
16
A11/D3
1145.5
-946
17
DIN
1086
590
18
Y
1086
790
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
17
18
16
( 0,0 )
X
Y



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com