Electronic Components Datasheet Search
  English  ▼

X  

M320D Datasheet(PDF) 1 Page - MOSDESIGN SEMICONDUCTOR CORP

Part # M320D
Description  LEARNING DECODER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSDESIGN [MOSDESIGN SEMICONDUCTOR CORP]
Direct Link  http://www.mosdesign.com.tw
Logo MOSDESIGN - MOSDESIGN SEMICONDUCTOR CORP

M320D Datasheet(HTML) 1 Page - MOSDESIGN SEMICONDUCTOR CORP

  M320D Datasheet HTML 1Page - MOSDESIGN SEMICONDUCTOR CORP M320D Datasheet HTML 2Page - MOSDESIGN SEMICONDUCTOR CORP M320D Datasheet HTML 3Page - MOSDESIGN SEMICONDUCTOR CORP M320D Datasheet HTML 4Page - MOSDESIGN SEMICONDUCTOR CORP M320D Datasheet HTML 5Page - MOSDESIGN SEMICONDUCTOR CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/
5
2008-09-02
LEARNING DECODER
EN/DECODER
M320D
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
GENERAL DESCRIPTION
The M320D learning decoder is CMOS LSI for remote control system application. It decoder the encoded waveform generated by
M320EA/M320EB and drives data output pin(s) according to the code bits decoded from the received waveform. Up to 1,048,576
address codes that Interface with EEPROM (93LC46) can be stored 32 sets of customer codes at maximum.
FEATURES
‧ Operating voltage 2.4V~5.5V.
‧ Pairs with M320EA/M320EB OTP encoders.
‧ Maximum 1,048,576 address and data code.
‧ 4 Data active: D0, D1, D2, D3.
‧ VT goes high during valid receiving.
‧ Selectable latch or momentary type of data output.
‧ An external oscillator resistor and capacitor.
‧ Interface with EEPROM (93LC46) can be stored 32 sets of customer codes at maximum.
‧ Learning capability and the LED current for learning status indication.
APPLICATIONS
‧ Burglar alarm system, car door controllers, car alarm system, home/office security system…etc.
BLOCK DIAGRAM
Oscillator
OSCI
DATA
VT
Freq
Divider
Logic unit
Control
Output
Driver
DIN
D3
D2
D1
D0
LED
Data
93LC46
Detector
Interface
Power on
Reset
LRN
RES
CS
SK
LM


Similar Part No. - M320D

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M320 MTRONPTI-M320 Datasheet
698Kb / 7P
9x14 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, VCXO
logo
TE Connectivity Ltd
M3200 TEC-M3200 Datasheet
389Kb / 10P
Pressure Transducer
M3200 TEC-M3200 Datasheet
1Mb / 18P
Pressure Transducer
M3200 TEC-M3200 Datasheet
392Kb / 10P
Pressure Transducer
logo
List of Unclassifed Man...
M3200 ETC-M3200 Datasheet
295Kb / 1P
Heyco짰-Tite Liquid Tight Cordgrips
More results

Similar Description - M320D

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT6P12 HOLTEK-HT6P12 Datasheet
423Kb / 17P
Learning Car Alarm Decoder
2nd Oct 97
logo
Maxim Integrated Produc...
ZLF645 MAXIM-ZLF645 Datasheet
1Mb / 201P
Flash MCUs with Learning Amplification
Rev 0; 4/09
ZLR64400 MAXIM-ZLR64400 Datasheet
1Mb / 144P
ROM MCU with Learning Amplification
Rev 0; 5/09
logo
Holtek Semiconductor In...
HT6P237A HOLTEK-HT6P237A Datasheet
1Mb / 10P
Learning RF Encoder
HT6P237A HOLTEK-HT6P237A_14 Datasheet
1Mb / 9P
Learning RF Encoder
November 10, 2014
logo
Advanced Micro Devices
MI50 AMD-MI50 Datasheet
137Kb / 2P
Optimized Deep Learning Operations
logo
Analog Devices
ADALM-PLUTO AD-ADALM-PLUTO Datasheet
438Kb / 2P
SDR Active Learning Module
ADALM1000 AD-ADALM1000 Datasheet
898Kb / 2P
ADALM1000 Active Learning Module
ADALM2000 AD-ADALM2000 Datasheet
547Kb / 2P
ADALM2000 ACTIVE LEARNING MODULE
logo
SparkFun Electronics
KIT-11470 SPARKFUN-KIT-11470 Datasheet
214Kb / 2P
Qtechknow ArduSensor Learning Kit
8/5/2016
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com