Electronic Components Datasheet Search
  English  ▼

X  

M3E Datasheet(PDF) 1 Page - MOSDESIGN SEMICONDUCTOR CORP

Part # M3E
Description  3-STATE 531,441 CODES BUILT-IN IR CARRIER DIRECT DATA TRANSMIT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSDESIGN [MOSDESIGN SEMICONDUCTOR CORP]
Direct Link  http://www.mosdesign.com.tw
Logo MOSDESIGN - MOSDESIGN SEMICONDUCTOR CORP

M3E Datasheet(HTML) 1 Page - MOSDESIGN SEMICONDUCTOR CORP

  M3E Datasheet HTML 1Page - MOSDESIGN SEMICONDUCTOR CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3-STATE 531,441 CODES
3 態 531,441 碼
BUILT-IN IR CARRIER
內建紅外線發射器
DIRECT DATA TRANSMIT
可單鍵發射
1/1
2012-04-10
EN/DECODER
M3E,/M3D./F
TAIPEI : TEL : 886-2- 22783733
FAX : 886-2- 22783633
H.K.
: TEL : 852-
27569109
FAX : 852-
27566961
EN/DE
編/解碼
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
FEATURES 功能敘述
‧ M3E,:Built-in IR carrier ─ suffix-IR.
Direct Data Transmit ─ suffix-H:Switch to VDD.
─ suffix-L:Switch to VSS.
‧ M3D.:Momentary DATA ─ suffix-M.
Latch data outputs ─ suffix-L.
Full address type ─ M3F.
‧ S.O.Package 20P ─ suffix-S.
APPLICATION 產品應用
‧ Security alarm, Remote control. 防盜系統, 任何遙控裝置.
ELECTRICAL CHARACTERISTICS 電氣規格
Characteristics
Sym.
Min.
Typ.
Max.
Unit
REMARKS
工作電壓 Operating Voltage
V
DD
2.4
─
12
V
工作電流 Operating Current
I
OP
─
0.1
1
mA
No load
靜態電流 Quiescent Current
I
SB
─
0.1
0.5
μA
推動電流 Driving Current
I
OL
─
2
─
mA
@V
DS=1.2V
振盪頻率 Oscillator Frequency
F
OSC
─
76
─
KHz
External±30%
工作溫度 Operating Temperature
Temp.
-20
25
70
℃
APPLICATION DIAGRAM 參考電路圖
* Rosc:M3E,= 360KΩ;M3D. /F=220KΩ
* All specs and applications shown above subject to change without prior notice.
( 以上電路及規格僅供參考,本公司得逕行修正 )
BIT FORMAT
"1"
"0"
"X"
DATA
PROTOCOL
TE
DO
VT
D0~3
T
T
T
A5
A0
A1
A2
A3
A4
A6
A7
VSS
VDD
1
0
VDD
DO
X
Y
Rosc
M3E,
118
910
IR / RF
TE
A11/D3
A10/D2
A9/D1
A8/D0
VDD
VSS
M3D./F
VDD
VT
Y
X
D3/A11
D2/A10
D1/A9
D0/A8
DIN
Rosc
118
910
A5
A0
A1
A2
A3
A4
A6
A7
VDD
1
0
IR / RF


Similar Part No. - M3E

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M3E MTRONPTI-M3E Datasheet
213Kb / 1P
14 pin DIP, 3.3 Volt, ECL/PECL, Clock Oscillator
M3E MTRONPTI-M3E Datasheet
188Kb / 1P
14 pin DIP, 3.3 Volt, ECL/PECL, Clock Oscillator
logo
List of Unclassifed Man...
M3E.-H ETC-M3E.-H Datasheet
135Kb / 2P
3 STATE DUAL TONES WIRELESS DOOR BELL
logo
IDEAL-TEK SA
M3E.CX.0 IDEAL-TEK-M3E.CX.0 Datasheet
404Kb / 1P
Mini Tweezers
REV.00 - 18.01.2023
M3E.S.0 IDEAL-TEK-M3E.S.0 Datasheet
384Kb / 1P
Mini Tweezers
REV.00 - 09.01.2023
More results

Similar Description - M3E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M45026 ETC-M45026 Datasheet
115Kb / 2P
145026 COMPATIBLE 3 STATE 19,683 CODES
M320EA ETC-M320EA Datasheet
115Kb / 1P
2-STATE 1048576 CODES OTP ENCODER
logo
Extech Instruments Corp...
EX410 EXTECH-EX410 Datasheet
352Kb / 1P
Rugged design with built-in IR Thermometer
logo
Axiomtek Co., Ltd.
DSH-146 AXIOMTEK-DSH-146 Datasheet
294Kb / 1P
Built-in IR touchscreen
logo
Rohm
BU92747XXX ROHM-BU92747XXX Datasheet
1Mb / 46P
IrDA Controller LSI built-in Ir remote control
logo
MOSDESIGN SEMICONDUCTOR...
M320EA MOSDESIGN-M320EA Datasheet
137Kb / 1P
2-STATE 1048576 CODES OTP ENCODER
2012-04-06
M3EB MOSDESIGN-M3EB Datasheet
152Kb / 1P
3-STATE 59,049 CODES 30 SECOND POWER OFF DIRECT DATA TRANSMIT
2008-10-03
M5E MOSDESIGN-M5E Datasheet
158Kb / 1P
3-STATE 531,441 CODES BUILT-IN IR CARRIER DIRECT DATA TRANSMIT
2012-04-11
M3162 MOSDESIGN-M3162 Datasheet
241Kb / 1P
3-STATE 531,441 CODES BUILT-IN IR CARRIER
2007-10-11
M45026 MOSDESIGN-M45026 Datasheet
171Kb / 2P
145026 COMPATIBLE 3 STATE 19,683 CODES
2012-04-12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com