Electronic Components Datasheet Search
  English  ▼

X  

DH222HLECSRGNT Datasheet(PDF) 13 Page - CIT Relay & Switch

Part # DH222HLECSRGNT
Description  Illuminated Pushbutton - 22, 25 & 30mm
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

DH222HLECSRGNT Datasheet(HTML) 13 Page - CIT Relay & Switch

Back Button DH222HLECSRGNT Datasheet HTML 5Page - CIT Relay & Switch DH222HLECSRGNT Datasheet HTML 6Page - CIT Relay & Switch DH222HLECSRGNT Datasheet HTML 7Page - CIT Relay & Switch DH222HLECSRGNT Datasheet HTML 8Page - CIT Relay & Switch DH222HLECSRGNT Datasheet HTML 9Page - CIT Relay & Switch DH222HLECSRGNT Datasheet HTML 10Page - CIT Relay & Switch DH222HLECSRGNT Datasheet HTML 11Page - CIT Relay & Switch DH222HLECSRGNT Datasheet HTML 12Page - CIT Relay & Switch DH222HLECSRGNT Datasheet HTML 13Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
2.54
[.10]
5.08
[ 20]
5.08
[20]
2.54
[10]
(2X) 0.30
[.01]
(2X) 0.40
[.02]
2.60
[ 10]
[.02]
[]
POS. 1
POS. 3
POS.2
[.77]
2.00
[.08]
Specifications and availability subject to change without notice.
Dimensions are shown for reference purposes only.
DH Rev C 11/2022
20550 Commerce Blvd, Rogers, MN 55374 USA
Sales (763) 535-2339
www.CITRelay.com
email: sales@CITRelay.com
13 of 13
Illuminated Pushbutton - 22, 25 & 30mm
DH
LED Ratings
Color
R
Y
G
B
O
W
Units
Reverse Voltage
VR
555555
V
Forward Current (peak)
IFS
120
120
160
160
120
160
mA
Reverse Current VR = 5V
IR
10
10
10
10
10
10
μA
Power Dissipation
PT
80
80
120
120
80
120
mW
Forward Voltage (typ) IF = 20mA
VF
2.1
2.1
3.3
3.3
2.0
3.0
V
Luminous Intensity, IF = 20mA
LI
120
120
170
100
120
700
mcd
LED Characteristics
Optional Terminal Block
9.82
[.39]
20.40
[.80]
29.50
[1.16]
6.10
[.24]
3.55
[.14]
6.90
[.27]
3.55
[.14]
6.10
[.24]
29.50
[1.16]
15.92
[.63]
20.40
[.80]
16.55
[.65]
2.10
[.08]
4.00
[.16]
2.05
[.08]
4.75
[.19]
7.70
[.30]
3.70
[.15]
SS2001
SS2203
SS Terminal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com