Electronic Components Datasheet Search
  English  ▼

X  

890764429002CS Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 890764429002CS
Description  WCAP-FTDB DC-Link Capacitor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

890764429002CS Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  890764429002CS Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 890764429002CS Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 890764429002CS Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 890764429002CS Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 890764429002CS Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 890764429002CS Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 890764429002CS Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 890764429002CS Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Product Marking:
1st Line right
Matchcode: FTDB
2nd Line
Capacitance & Tolerance Code: 606J (Basis pF), Date Code (YWW), Rated Voltage: 600 V
Mechanical Properties:
Properties
Test Conditions
Lead Diameter [ mm ] Force [ N ]
condition
Termination Robustness
IEC 60068 - 2 - 21 Pull Test
0.5 to ≤ 0.8
10
min. 10 sec.
0.9 to ≤ 1.25
20
min. 10 sec.
Bend Test
0.5 to ≤ 0.8
5
min. 2 cycles
0.9 to ≤ 1.25
10
min. 2 cycles
Environmental Tests:
Properties
Standard
Vibration
IEC 61071 & IEC 60068 - 2 - 6
f = 10 Hz to 55 Hz; a = ± 0,35 mm; Test
duration per axis = 10 frequency cycles ( 3
axes offset from each other by 90° ), 1 octave/
min. 45 minutes per axis, 135 minutes in total.
Damp heat, steady state
IEC 61071 & IEC 60068 - 2 - 78
40 ± 2 °C, 93 ± 3 % RH, 56 days.
Change of temperature
IEC 61071 & IEC 60068 - 2 - 14
5 cycles, upper and lower temperature 30
minutes each, 3 minutes Max transfer time.
Endurance test
IEC 61071
85 °C, 1.3 VR, 1000 hours
Certification:
RoHS Approval
Compliant [2011/65/EU&2015/863]
REACh Approval
Conform or declared [(EC)1907/2006]
Current Derating (Typical Curve):
0%
20%
40%
60%
80%
100%
120%
40
50
60
70
80
90
100
Temperature [°C]
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CHECKED
REVISION
DATE (YYYY-MM-DD)
GENERAL TOLERANCE
PROJECTION
METHOD
FPu
001.000
2022-10-13
DIN ISO 2768-1m
DESCRIPTION
TECHNICAL REFERENCE
WCAP-FTDB DC-Link Capacitor
MDBP525606J600DCPP15040
ORDER CODE
890764429002CS
SIZE/TYPE
BUSINESS UNIT
STATUS
PAGE
Pitch 1: 52.5 mm; Pitch 2: 20.3 mm
eiCap
Valid
2/8
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com