Electronic Components Datasheet Search
  English  ▼

X  

GS88018T Datasheet(PDF) 21 Page - GSI Technology

Part # GS88018T
Description  512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS88018T Datasheet(HTML) 21 Page - GSI Technology

Back Button GS88018T Datasheet HTML 17Page - GSI Technology GS88018T Datasheet HTML 18Page - GSI Technology GS88018T Datasheet HTML 19Page - GSI Technology GS88018T Datasheet HTML 20Page - GSI Technology GS88018T Datasheet HTML 21Page - GSI Technology GS88018T Datasheet HTML 22Page - GSI Technology GS88018T Datasheet HTML 23Page - GSI Technology GS88018T Datasheet HTML 24Page - GSI Technology GS88018T Datasheet HTML 25Page - GSI Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Rev: 1.11 8/2000
21/25
© 2000, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary
GS88018/32/36T-11/11.5/100/80/66
Application Tips
Single and Dual Cycle Deselect
SCD devices force the use of “dummy read cycles” (read cycles that are launched normally, but that are ended with the output
drivers inactive) in a fully synchronous environment. Dummy read cycles waste performance, but their use usually assures there
will be no bus contention in transitions from reads to writes or between banks of RAMs. DCD SRAMs do not waste bandwidth on
dummy cycles and are logically simpler to manage in a multiple bank application (wait states need not be inserted at bank address
boundary crossings), but greater care must be exercised to avoid excessive bus contention.
CK
ADSP
ADSC
tH
tKH tKL
tKC
tS
ZZ
tZZR
tZZH
tZZS
Snooze
Sleep Mode Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com