Electronic Components Datasheet Search
  English  ▼

X  

999 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 999
Description  Octal latched transceiver with dual enable 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

999 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 999 Datasheet HTML 3Page - NXP Semiconductors 999 Datasheet HTML 4Page - NXP Semiconductors 999 Datasheet HTML 5Page - NXP Semiconductors 999 Datasheet HTML 6Page - NXP Semiconductors 999 Datasheet HTML 7Page - NXP Semiconductors 999 Datasheet HTML 8Page - NXP Semiconductors 999 Datasheet HTML 9Page - NXP Semiconductors 999 Datasheet HTML 10Page - NXP Semiconductors 999 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
74ABT543A
Octal latched transceiver with dual enable
(3-State)
1998 Sep 24
7
VM
An, Bn
VM
VM
VM
VM
VM
LEAB,
LEBA
ts(H)
th(H)
ts(L)
th(L)
tw(L)
NOTE: For all waveforms, VM = 1.5V, the shaded areas indicate when the input
is permitted to change for predictable output performance.
SA00174
Waveform 3. Data Setup and Hold Times And Latch Enable
Pulse Width
OEAB, OEBA,
EAB, EBA
VM
tPZH
tPHZ
0V
VOH –0.3V
VM
VM
An, Bn
SA00175
VOH
Waveform 4. 3-State Output Enable Time to High Level and
Output Disable Time from High Level
tPZL
tPLZ
0V
VOL +0.3V
VM
VM
VM
OEAB, OEBA,
EAB, EBA
An, Bn
SA00176
Waveform 5. 3-State Output Enable Time to Low Level and
Output Disable Time from Low Level
TEST CIRCUIT AND WAVEFORM
CL = 50 pF
500
Ω
Load Circuit
DEFINITIONS
CL =
Load capacitance includes jig and probe capacitance;
see AC CHARACTERISTICS for value.
TEST
S1
tpd
open
tPLZ/tPZL
7 V
tPHZ/tPZH
open
SA00012
500
Ω
From Output
Under Test
S1
7 V
Open
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com