Electronic Components Datasheet Search
  English  ▼

X  

ADP7182 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP7182
Description  0.5 Ω RON, ±20 V, 36 V, Quad SPST Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7182 Datasheet(HTML) 4 Page - Analog Devices

  ADP7182 Datasheet HTML 1Page - Analog Devices ADP7182 Datasheet HTML 2Page - Analog Devices ADP7182 Datasheet HTML 3Page - Analog Devices ADP7182 Datasheet HTML 4Page - Analog Devices ADP7182 Datasheet HTML 5Page - Analog Devices ADP7182 Datasheet HTML 6Page - Analog Devices ADP7182 Datasheet HTML 7Page - Analog Devices ADP7182 Datasheet HTML 8Page - Analog Devices ADP7182 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Data Sheet
ADG6412
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 18
Table 2. ±20 V Dual-Supply Specifications (Continued)
Parameter
+25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
Channel-to-Channel Crosstalk
−105
dB typ
RL = 50 Ω, CL = 5 pF, frequency = 100
kHz, see Figure 27
Total Harmonic Distortion + Noise, THD + N
0.002
% typ
RL = 1 kΩ, 20 V p-p, frequency = 20 Hz
to 20 kHz, see Figure 30
Total Harmonic Distortion, THD
−127
dB typ
RL = 1 kΩ, 20 V p-p, frequency = 1 kHz
−101
dB typ
RL = 1 kΩ, 20 V p-p, frequency = 20 kHz
−85
dB typ
RL = 1 kΩ, 20 V p-p, frequency = 100
kHz
−3 dB Bandwidth
184
MHz typ
RL = 50 Ω, CL = 5 pF, signal = 0 dBm,
see Figure 31
Insertion Loss
−0.04
dB typ
RL = 50 Ω, CL = 5 pF, frequency= 1 MHz
see Figure 31
Source Off Capacitance, CS (Off)
70
pF typ
VS = 0 V, frequency = 1 MHz
Drain Off Capacitance, CD (Off)
70
pF typ
VS = 0 V, frequency = 1 MHz
Drain On Capacitance, CD (On), Source On
Capacitance, CS (On)
25
pF typ
VS = 0 V, frequency = 1 MHz
Match On Capacitance, CMATCH(On)
0.83
pF typ
VS = 0 V, frequency = 1 MHz
POWER REQUIREMENTS
VDD = +22 V, VSS = −22 V
Power Supply Current, IDD
170
µA typ
Digital inputs = 0 V or 5 V
260
260
µA max
225
µA typ
Digital inputs = 1.3 V
330
330
µA max
Negative Supply Current, ISS
85
µA typ
Digital inputs = 0 V or 5 V
140
140
µA max
36 V SINGLE SUPPLY
VDD = 36 V ± 10%, VSS = 0 V, GND = 0 V, unless otherwise noted.
Table 3. 36 V Single-Supply Specifications
Parameter
+25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
VDD = 32.4 V, VSS = 0 V
Analog Signal Range
0 V to VDD – 2 V
V
On Resistance, RON
0.50
Ω typ
Source voltage (VS) = 0 V to 28.9 V,
source current (IS) = −100 mA, see
Figure 26
0.65
0.8
0.95
Ω max
0.54
Ω typ
VS = 0 V to 29.9 V, IS = −100 mA
0.7
0.85
1.0
Ω max
On-Resistance Match Between Channels, ∆RON
0.003
Ω typ
VS = 0 V to 29.9 V, IS = −100 mA
0.085
0.1
0.1
Ω max
On-Resistance Flatness, RFLAT(ON)
0.003
Ω typ
VS = 0 V to 28.9 V, IS = −100 mA
0.035
0.035
0.035
Ω max
0.04
Ω typ
VS = 0 V to 29.9 V, IS = −100 mA
0.08
0.1
0.1
Ω max
LEAKAGE CURRENTS
VDD = 39.6 V, VSS = 0 V
Source Off Leakage, IS (Off)
±3.5
nA typ
VS = 1 V/30 V, drain voltage (VD) =
30 V/1 V, see Figure 29
±12.5
+70/−14
+205/−14
nA max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com