Electronic Components Datasheet Search
  English  ▼

X  

ADM3311EARS Datasheet(PDF) 12 Page - Analog Devices

Part # ADM3311EARS
Description  15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3311EARS Datasheet(HTML) 12 Page - Analog Devices

Back Button ADM3311EARS Datasheet HTML 8Page - Analog Devices ADM3311EARS Datasheet HTML 9Page - Analog Devices ADM3311EARS Datasheet HTML 10Page - Analog Devices ADM3311EARS Datasheet HTML 11Page - Analog Devices ADM3311EARS Datasheet HTML 12Page - Analog Devices ADM3311EARS Datasheet HTML 13Page - Analog Devices ADM3311EARS Datasheet HTML 14Page - Analog Devices ADM3311EARS Datasheet HTML 15Page - Analog Devices ADM3311EARS Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADM3307E/ADM3310E/ADM3311E/ADM3312E/ADM3315E
Data Sheet
Rev. J | Page 12 of 20
600
500
400
300
200
100
0
VCC (V)
2.62.8
3.03.2
3.43.6
Figure 22. ICC vs. VCC (Unloaded)
25
20
15
10
5
0
VCC (V)
2.6
2.8
3.0
3.2
3.4
3.6
Figure 23. ICC vs. VCC (RL = 3 kΩ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com