Electronic Components Datasheet Search
  English  ▼

X  

LTC3306 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC3306
Description  1.75A Synchronous Step-Down Regulator in 1.6mm × 1mm WLCSP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3306 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC3306 Datasheet HTML 7Page - Analog Devices LTC3306 Datasheet HTML 8Page - Analog Devices LTC3306 Datasheet HTML 9Page - Analog Devices LTC3306 Datasheet HTML 10Page - Analog Devices LTC3306 Datasheet HTML 11Page - Analog Devices LTC3306 Datasheet HTML 12Page - Analog Devices LTC3306 Datasheet HTML 13Page - Analog Devices LTC3306 Datasheet HTML 14Page - Analog Devices LTC3306 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC3306
11
Rev. 0
For more information www.analog.com
3.15mm
2.92mm
VOUT
3306 F01
GND
VIN
GND
L1
COUT
CIN
Figure 1. Recommended PCB Layout for the LTC3306
A lower value of output capacitor can be used to save
space and cost, but transient performance will suffer and
may cause loop instability.
Ceramic capacitors have very low equivalent series resis-
tance (ESR) and provide the best output ripple and tran-
sient performance. Use X5R or X7R ceramic capacitors.
During a load step, the output capacitor must instanta-
neously supply the current to support the load until the
feedback loop raises the switch current enough to sup-
port the load. The time required for the feedback loop to
respond is dependent on the compensation components
and the output capacitor size. Typically, 3 to 4 cycles are
required to respond to a load step, but only in the first
cycle does the output drop linearly. Although affected by
VOUT, VIN, VSW, tON(MIN), and other factors, the output
droop, VDROOP, is usually about 2 to 4 times the linear
drop of the first cycle (Equation 5).
VDROOP =
3 • ∆IOUT
COUT • fSW
(5)
where ΔIOUT is the load step.
Transient performance and control loop stability can
be improved with a higher COUT. The values used in
the typical application circuits are good starting points.
LTpowerCAD® is a useful tool to help optimize COUT for a
desired transient performance.
Applying a load transient and monitoring the response of
the system or using a network analyzer to measure loop
response are two ways to experimentally verify transient
performance and control loop stability and optimize COUT.
APPLICATIONS INFORMATION
Input Capacitors
Bypass the input of the LTC3306 with a ceramic capacitor
close to the part from VIN to GND. See Output Capacitor,
Output Ripple, and Transient Response for more detail.
X7R or X5R capacitors are recommended for best perfor-
mance across temperature and input voltage variations.
Note that larger input capacitance is required when a lower
switching frequency is used. If the input power source has
high impedance, or if there is significant inductance due to
long wires or cables, additional bulk capacitance may be
necessary. This can be provided with a low performance
electrolytic capacitor.
A ceramic input capacitor combined with trace or cable
inductance forms a high quality (underdamped) tank cir-
cuit. If a LTC3306 circuit is plugged into a live supply, the
input voltage can ring to twice its nominal value, possibly
exceeding the maximum input voltage rating. This situa-
tion is easily avoided (see Application Note AN88).
Table 2. Ceramic Capacitor Manufacturers
VENDOR
URL
Kyocera AVX
www.kyocera-avx.com
Murata
www.murata.com
TDK
www.tdk.com
Taiyo Yuden
www.t-yuden.com
Output Capacitor, Output Ripple, and Transient
Response
The output capacitor has two essential functions. Along
with the inductor, it filters the square wave generated
by the LTC3306 to produce a DC output. In this role,
it determines the output ripple, thus low impedance at
the switching frequency is important. The second func-
tion is to store energy in order to satisfy transient loads
and stabilize the LTC3306’s control loop. The LTC3306 is
internally compensated and has been designed to operate
at a high bandwidth for fast transient response capability.
The selection of COUT will affect the bandwidth of the sys-
tem, but the transient response is also affected by VOUT,
VIN, fSW, and other factors. A good place to start is with
the output capacitor shown in typical application circuits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com