Electronic Components Datasheet Search
  English  ▼

X  

LTC3371 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC3371
Description  5V, 2A Synchronous Step-Down Regulator in 2mm × 2mm FCQFN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3371 Datasheet(HTML) 1 Page - Analog Devices

  LTC3371 Datasheet HTML 1Page - Analog Devices LTC3371 Datasheet HTML 2Page - Analog Devices LTC3371 Datasheet HTML 3Page - Analog Devices LTC3371 Datasheet HTML 4Page - Analog Devices LTC3371 Datasheet HTML 5Page - Analog Devices LTC3371 Datasheet HTML 6Page - Analog Devices LTC3371 Datasheet HTML 7Page - Analog Devices LTC3371 Datasheet HTML 8Page - Analog Devices LTC3371 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC3302
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
5V, 2A Synchronous Step-Down
Regulator in 2mm
× 2mm FCQFN
The LTC®3302 is a very small, high efficiency, low
noise, monolithic synchronous 2A step-down DC/DC
converter operating from a 2.25V to 5.5V input supply.
Using constant frequency, peak current mode control,
this regulator achieves fast transient response with small
external components.
The LTC3302 operates in forced continuous or pulse-
skipping mode for low noise, or in low-ripple Burst Mode
operation for high efficiency at light loads, ideal for bat-
tery-powered systems. The IC regulates output voltages
as low as 500mV. The adjustable version operates from
500mV to VIN with two additional external resistors. Other
features include output overvoltage protection, short-cir-
cuit protection, thermal shutdown, clock synchronization,
and up to 100% duty cycle operation for low dropout.
The LTC3302 is available in a low profile 2mm × 2mm
FCQFN package with exposed pad and side wettable flanks.
High Efficiency, 2MHz, 1V, 2A Step-Down Converter
Efficiency and Power Loss
in Burst Mode Operation
APPLICATIONS
n
High Efficiency: 30mΩ NMOS, 85mΩ PMOS
n
Peak Current Mode Control
n
27ns Minimum On-Time
n
Wide Bandwidth, Fast Transient Response
n
Low-Ripple Burst Mode® Operation with IQ of 80µA
n
Up to 6MHz Operation
n
Safely Tolerates Inductor Saturation in Overload
n
VIN Range: 2.25V to 5.5V
n
Fixed VOUT Range: 0.5V to 3.65V, Factory
Programmed in 50mV Steps
n
VOUT Accuracy: ±1% Overtemperature Range
n
Precision 400mV Enable Threshold
n
Shutdown Current: 1µA
n
Power Good, Internal Compensation and Soft-Start
n
Thermally Enhanced, 12-Pin, 2mm × 2mm, Flip Chip
(FCQFN) Package with Side Wettable Flanks
n
AEC-Q100 Qualified for Automotive Applications
n
Optical Networking, Servers, Telecom
n
Automotive, Industrial, Communications
n
Distributed DC Power Systems (POL)
n
FPGA, ASIC, µP Core Supplies
All registered trademarks and trademarks are the property of their respective owners.
3302 TA01a
EN
SW
VIN
AVIN
PGND
10µF
680nH
1µF
22µF
VOUT
1.0V
2A
VIN = 2.25V TO 5.5V
VOUT
PGOOD
LTC3302A-1
1µF
0201
AGND
MODE/SYNC
fOSC = 2MHz
VIN = 3.3V
VOUT = 1.0V
fSW = 2MHz
TDK TFM201610ALMAR68MTAA
EFFICIENCY
POWER LOSS
LOAD CURRENT (A)
0.001
0.01
0.1
1 2
0
10
20
30
40
50
60
70
80
90
100
0.0001
0.001
0.01
0.1
1
10
3302 TA01b


Similar Part No. - LTC3371

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3371 LINER-LTC3371 Datasheet
1Mb / 26P
4-Channel 8A Configurable Buck DC/DCs with Watchdog and Power-On Reset
LTC3371 LINER-LTC3371 Datasheet
5Mb / 44P
60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
logo
Analog Devices
LTC3371 AD-LTC3371 Datasheet
3Mb / 26P
5V, 3A Synchronous Step-Down Silent Switcher in 2mm x 2mm LQFN
11/19-REV.A
LTC3371 AD-LTC3371 Datasheet
1Mb / 24P
Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
11/19-REV.A
LTC3371 AD-LTC3371 Datasheet
1Mb / 22P
Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
More results

Similar Description - LTC3371

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8649 MAXIM-MAX8649 Datasheet
1Mb / 31P
1.8A Step-Down Regulator with Differential Remote Sense in 2mm x 2mm WLP
Rev 0; 9/09
MAX8649 MAXIM-MAX8649_10 Datasheet
1Mb / 31P
1.8A Step-Down Regulator with Differential Remote Sense in 2mm x 2mm WLP
Rev 1; 2/10
logo
Advanced Analogic Techn...
AAT2113A ANALOGICTECH-AAT2113A Datasheet
2Mb / 19P
3MHz, Fast Transient 1.5A Step-Down Converter in 2mm x 2mm Package
logo
Maxim Integrated Produc...
MAX8649 MAXIM-MAX8649_11 Datasheet
2Mb / 31P
1.8A Step-Down Regulator with Remote Sense in 2mm x 2mm WLP
Rev 4; 6/11
MAX8952 MAXIM-MAX8952 Datasheet
1Mb / 31P
2.5A Step-Down Regulator with Remote Sense in 2mm x 2mm WLP
Rev 1; 6/11
logo
Semtech Corporation
SC3102 SEMTECH-SC3102 Datasheet
1Mb / 17P
2A Synchronous Step-Down Regulator
logo
Analog Devices
LTC3307A AD-LTC3307A Datasheet
3Mb / 26P
5V, 3A Synchronous Step-Down Silent Switcher in 2mm x 2mm LQFN
11/19-REV.A
LTC3315A AD-LTC3315A Datasheet
1Mb / 24P
Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
11/19-REV.A
LTC3315B AD-LTC3315B Datasheet
1Mb / 22P
Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
logo
Maxim Integrated Produc...
MAX15040 MAXIM-MAX15040 Datasheet
323Kb / 15P
High-Efficiency, 4A, Step-Down Regulator with Integrated Switches in 2mm x 2mm Package
19-4426; Rev 2; 7/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com