Electronic Components Datasheet Search
  English  ▼

X  

LTC7151S Datasheet(PDF) 2 Page - Analog Devices

Part # LTC7151S
Description  5V, 15A Synchronous Step-Down Silent Switcher in 3mm × 3mm LQFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7151S Datasheet(HTML) 2 Page - Analog Devices

  LTC7151S Datasheet HTML 1Page - Analog Devices LTC7151S Datasheet HTML 2Page - Analog Devices LTC7151S Datasheet HTML 3Page - Analog Devices LTC7151S Datasheet HTML 4Page - Analog Devices LTC7151S Datasheet HTML 5Page - Analog Devices LTC7151S Datasheet HTML 6Page - Analog Devices LTC7151S Datasheet HTML 7Page - Analog Devices LTC7151S Datasheet HTML 8Page - Analog Devices LTC7151S Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC3313
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN ............................................................. –0.3V to 6V
EN, SSTT ............. –0.3V to Lesser of (VIN + 0.3V) or 6V
MODE/SYNC ........ –0.3V to Lesser of (VIN + 0.3V) or 6V
RT ........................ –0.3V to Lesser of (VIN + 0.3V) or 6V
FB ....................... –0.3V to Lesser of (VIN + 0.3V) or 6V
PGOOD......................................................... –0.3V to 6V
IPGOOD......................................................................5mA
Operating Junction Temperature Range (Notes 2, 3)
LTC3313E........................................... –40°C to 125°C
LTC3313J........................................... –40°C to 150°C
Storage Temperature.............................. –65°C to 150°C
Maximum Reflow (Package Body) Temperature ...260°C
(Note 1)
1
2
3
4
5
TOP VIEW
19
PGND
EN
AGND
VIN
VIN
PGND
PGOOD
MODE/SYNC
VIN
VIN
PGND
LQFN PACKAGE
18-PIN (3mm × 3mm × 0.95mm)
θJA = 42°C/W, θJCbottom = 9°C/W, θJCtop = 62°C/W, θJB = 14°C/W
ΨJT = 1.25°C/W, θ VALUES DETERMINED PER JESD51-12
EXPOSED PAD (PIN 19) IS PGND, MUST BE SOLDERED TO PCB
18
17
16
15
6
7
8
9
14
13
12
11
10
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL (MINI)
TAPE AND REEL
PART
MARKING* PACKAGE DESCRIPTION
TEMPERATURE
RANGE
LTC3313EV#PBF
LTC3313EV#TRMPBF
LTC3313EV#TRPBF
LHQF
18-Pin (3mm × 3mm × 0.95mm) LQFN
(Laminate Package with QFN Footprint)
–40°C to 125°C
LTC3313JV#PBF
LTC3313JV#TRMPBF
LTC3313JV#TRPBF
LHQF
18-Pin (3mm × 3mm × 0.95mm) LQFN
(Laminate Package with QFN Footprint)
–40°C to 150°C
AUTOMOTIVE PRODUCTS**
LTC3313EV#WPBF
LTC3313EV#WTRMPBF
LTC3313EV#WTRPBF
LHQF
18-Pin (3mm × 3mm × 0.95mm) LQFN
(Laminate Package with QFN Footprint)
–40°C to 125°C
LTC3313JV#WPBF
LTC3313JV#WTRMPBF
LTC3313JV#WTRPBF
LHQF
18-Pin (3mm × 3mm × 0.95mm) LQFN
(Laminate Package with QFN Footprint)
–40°C to 150°C
Contact the factory for parts specified with wider operating temperature ranges. *Temperature grades are identified by a label on the shipping container.
Contact the factory for information on lead based finish parts.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
**Versions of this part are available with controlled manufacturing to support the quality and reliability requirements of automotive applications. These
models are designated with a #W suffix. Only the automotive grade products shown are available for use in automotive applications. Contact your
local Analog Devices account representative for specific product ordering information and to obtain the specific Automotive Reliability reports for
these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com