Electronic Components Datasheet Search
  English  ▼

X  

M1511 Datasheet(PDF) 1 Page - MOSDESIGN SEMICONDUCTOR CORP

Part # M1511
Description  4 FUNCTIONS 5 LED FLASH IC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSDESIGN [MOSDESIGN SEMICONDUCTOR CORP]
Direct Link  http://www.mosdesign.com.tw
Logo MOSDESIGN - MOSDESIGN SEMICONDUCTOR CORP

M1511 Datasheet(HTML) 1 Page - MOSDESIGN SEMICONDUCTOR CORP

  M1511 Datasheet HTML 1Page - MOSDESIGN SEMICONDUCTOR CORP M1511 Datasheet HTML 2Page - MOSDESIGN SEMICONDUCTOR CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4 FUNCTIONS
四段功能
5 LED FLASH IC
5 LED 閃爍 IC
1/2
2012-03-06
LED FLASH
M1511
TAIPEI : TEL : 886-2- 22783733
FAX : 886-2- 22783633
H.K.
: TEL : 852-
27569109
FAX : 852-
27566961
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
FEATURES 功能敘述
‧ Built-in / Ext.Rosc (Default:Built-in).
‧ 1 key operation.
‧ Operation mode:4 modes.
APPLICATION 產品應用
‧ Disco broaches, Blinking LED, Shoe IC etc..
ELECTRICAL CHARACTERISTICS 電氣規格
( @V
DD=3V unless otherwise specified )
Characteristics
Sym.
Min.
Typ.
Max.
Unit
REMARKS
工作電壓 Operating Voltage
V
DD
─
35
V
工作電流 Operating Current
I
OP
─
0.1
0.5
mA
No load
靜態電流 Quiescent Current
I
SB
─
15
μA
推動電流 Driving Current
I
OL
20
──
mA
@V
DS=1.2V
振盪頻率 Oscillator Frequency
F
OSC
─
64
─
KHz
±30% TOL.
工作溫度 Operating Temperature
Temp.
0
25
60
℃
APPLICATION DIAGRAM 參考電路圖
* External C1:decrease the Fosc.
* External R1:increase the Fosc.
*All specs and applications shown above subject to change without prior notice.
( 以上電路及規格僅供參考,本公司得逕行修正 )
P/N
第一段
第二段
第三段
第四段
M1511-1
OFF
全閃(2Hz)
全閃(4Hz)
全亮
M1511-3
OFF
全亮
全滅
對閃(4Hz)
M1511-4
OFF
全亮
全滅
全閃(8Hz)
M1511-5
OFF
全亮
對閃(6Hz)
來回閃(2.5Hz)
VDD
VSS
X
Y
TG
L1
L2
L3
L4
L5
M1511
底=VDD
1.13 x 1.09 mm
2
R1
C1
M1511P
VDD
TEST
X
Y
TG / KEY
116
89
L1
L2
L3
L4
L5
VSS


Similar Part No. - M1511

ManufacturerPart #DatasheetDescription
logo
MOSDESIGN SEMICONDUCTOR...
M1510 MOSDESIGN-M1510 Datasheet
26Kb / 2P
M3764P RANDOM / SEQUENCE
2005-11-04
M1510-2 MOSDESIGN-M1510-2 Datasheet
26Kb / 2P
M3764P RANDOM / SEQUENCE
2005-11-04
M1510-8 MOSDESIGN-M1510-8 Datasheet
26Kb / 2P
M3764P RANDOM / SEQUENCE
2005-11-04
logo
GSI Group, Inc.
M1510-H-20-L105-C1 MICROESYS-M1510-H-20-L105-C1 Datasheet
416Kb / 9P
Mercury TM1500 Digital Output Encoder Systems Factory Set Resolution to 0.50關m
M1510-H-20-L105-C2 MICROESYS-M1510-H-20-L105-C2 Datasheet
416Kb / 9P
Mercury TM1500 Digital Output Encoder Systems Factory Set Resolution to 0.50關m
More results

Similar Description - M1511

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U3761MB-T ATMEL-U3761MB-T Datasheet
342Kb / 27P
Universal Telephone IC - All Functions Integrated
logo
List of Unclassifed Man...
M1512 ETC-M1512 Datasheet
101Kb / 2P
8 FUNCTIONS 5 LED FLASH IC
logo
TEMIC Semiconductors
U3762MB TEMIC-U3762MB Datasheet
240Kb / 23P
Universal Telephone IC - All Functions Integrated
logo
Advanced Analogic Techn...
AAT3170 ANALOGICTECH-AAT3170 Datasheet
467Kb / 15P
High Current LED Flash Driver Charge Pump IC
logo
Hamamatsu Corporation
S4506 HAMAMATSU-S4506 Datasheet
158Kb / 2P
Photo IC for photointerrupters with encoder functions
logo
List of Unclassifed Man...
XAL-D324 ETC2-XAL-D324 Datasheet
4Mb / 46P
Contact functions and light functions with integral LED
logo
Skyworks Solutions Inc.
AAT1274 SKYWORKS-AAT1274 Datasheet
2Mb / 17P
1.5A Single Flash LED Driver IC
logo
STMicroelectronics
ESDAXXSCXY STMICROELECTRONICS-ESDAXXSCXY Datasheet
447Kb / 15P
4 unidirectional Transil functions
05-Oct-2015
logo
Shenzhen Huazhimei Semi...
HM5104 HMSEMI-HM5104 Datasheet
735Kb / 7P
Touch three functions & long press SOS function flashlight LED driver IC
logo
MOSDESIGN SEMICONDUCTOR...
M1512 MOSDESIGN-M1512 Datasheet
25Kb / 2P
8 FUNCTIONS5 LED FLASH IC
2004-11-15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com