Electronic Components Datasheet Search
  English  ▼

X  

M1600AP Datasheet(PDF) 2 Page - MOSDESIGN SEMICONDUCTOR CORP

Part # M1600AP
Description  ON/OFF, OSH RANDOM/SEQUENCE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSDESIGN [MOSDESIGN SEMICONDUCTOR CORP]
Direct Link  http://www.mosdesign.com.tw
Logo MOSDESIGN - MOSDESIGN SEMICONDUCTOR CORP

M1600AP Datasheet(HTML) 2 Page - MOSDESIGN SEMICONDUCTOR CORP

  M1600AP Datasheet HTML 1Page - MOSDESIGN SEMICONDUCTOR CORP M1600AP Datasheet HTML 2Page - MOSDESIGN SEMICONDUCTOR CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ON/OFF, OSH
RANDOM/SEQUENCE
6 LED 閃燈 IC
2/2
2012-04-06
LED FLASH
M1600A
TAIPEI : TEL : 886-2- 22783733
FAX : 886-2- 22783633
H.K.
: TEL : 852-
27569109
FAX : 852-
27566961
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
PAD ASSIGNMENT & POSITION
* CHIP SIZE ~ 1.12 x 1.12 mm
2
* IC substrate should be connected to VDD in PCB (PCB 上 IC 必須接 VDD)
( 以上電路及規格僅供參考,本公司得逕行修正 )
UNIT : um
No.
NAME
X
Y
1
OSH
433.5
432.75
2
VDD
252.75
432.75
3
RD/SEQ
99
432.75
4
TEST
-120
431.25
5
ON/OFF
-429
432.75
6
VSS
-430.5
-54
7
L6
-396.75
-431.25
8
L5
-238.5
-431.25
9
L4
-80.25
-431.25
10
L3
78
-431.25
11
L2
236.25
-431.25
12
L1
394.5
-431.25
13
X
433.5
-51.75
14
Y
433.5
-279
1
2
3
4
5
6
78
9
10 11 12
13
14
X
Y
( 0,0 )



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com