Electronic Components Datasheet Search
  English  ▼

X  

CLC453 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC453
Description  Comlinear CLC453 Single Supply, Low-Power, High Output, Programmable Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC453 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button CLC453 Datasheet HTML 4Page - National Semiconductor (TI) CLC453 Datasheet HTML 5Page - National Semiconductor (TI) CLC453 Datasheet HTML 6Page - National Semiconductor (TI) CLC453 Datasheet HTML 7Page - National Semiconductor (TI) CLC453 Datasheet HTML 8Page - National Semiconductor (TI) CLC453 Datasheet HTML 9Page - National Semiconductor (TI) CLC453 Datasheet HTML 10Page - National Semiconductor (TI) CLC453 Datasheet HTML 11Page - National Semiconductor (TI) CLC453 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
http://www.national.com
8
Figure 1: DC Coupled, Av = -1V/V Configuration
Figure 2: DC Coupled, Av = +1V/V Configuration
Figure 3: DC Coupled, Av = +2V/V Configuration
AC Coupled Single Supply Operation
Figures 4, 5, and 6 show possible non-inverting and invert-
ing configurations for input signals that go below 0.8V DC.
Figure 4: AC Coupled, Av = -1V/V Configuration
The input is AC coupled to prevent the need for
level shifting the input signal at the source. The resistive
voltage divider biases the non-inverting input to VCC ÷ 2
= 2.5V (For VCC = +5V).
Figure 5: AC Coupled, Av = +1V/V Configuration
Figure 6: AC Coupled, Av = +2V/V Configuration
Dual Supply Operation
The CLC453 operates on dual supplies as well as single
supplies. The non-inverting and inverting configurations
are shown in Figures 7, 8 and 9.
Figure 7: Dual Supply, Av = -1V/V Configuration
453 Fig5
0.1
µF
6.8
µF
Vo
Vin
R
R
+
VCC
VCC
1
CLC453
7
6
8
5
3
4
2
1k
Ω
1k
Ω
CC
V
V
2.5
Low frequency cutoff
1
2 R C
where R
R
2
R
R
o
in
in C
in
source
=
+
=
=
>>
π
,
453 Fig1
0.1
µF
6.8
µF
Vo
Vin
Rb
Rt
+
Vcm
VCC
RL
Vcm
Note: Rb provides DC bias for the non-inverting input.
Rb, RL and Rt are tied to Vcm for minimum power
consumption and maximum output swing.
Vcm
1
CLC453
7
6
8
5
3
4
2
1k
Ω
1k
Ω
Select Rt to yield desired Rin = Rt||Rg, where Rg = 1kΩ.
453 Fig2
0.1
µF
6.8
µF
Vo
Vin
Rt
+
Vcm
VCC
RL
Vcm
Note: Rt and RL are tied to Vcm for minimum power
consumption and maximum output swing.
1
CLC453
7
6
8
5
3
4
2
1k
Ω
1k
Ω
453 Fig3
0.1
µF
6.8
µF
Vo
Vin
Rt
+
Vcm
VCC
RL
Vcm
Note: Rt, RL and Rg are tied to Vcm for minimum power
consumption and maximum output swing.
1
CLC453
7
6
8
5
3
4
2
1k
Ω
1k
Ω
Vcm
453 Fig4
0.1
µF
6.8
µF
Vo
Vin
R
R
+
VCC
VCC
1
CLC453
7
6
8
5
3
4
2
1k
Ω
1k
Ω
CC
V
V
2.5
Low frequency cutoff
1
2 R C
o
in
g C
= −
+
=
π
where Rg = 1kΩ.
,
453 Fig6
0.1
µF
6.8
µF
Vo
Vin
R
R
+
VCC
VCC
1
CLC453
7
6
8
5
3
4
2
1k
Ω
1k
Ω
CC
C
V
2V
2.5
Low frequency cutoff
1
2 R C
where R
R
2
R
R
o
in
in C
in
source
=
+
=
=
>>
π
,
453 Fig7
0.1
µF
6.8
µF
Vo
Vin
Rt
+
VCC
Note: Rb provides DC bias for the
non-inverting input. Select Rt to
yield desired Rin = Rt||1kΩ.
1
CLC453
7
6
8
5
3
4
2
1k
Ω
1k
Ω
Rb
0.1
µF
6.8
µF
+
VEE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com