Electronic Components Datasheet Search
  English  ▼

X  

CS5820 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # CS5820
Description  21:3 LVDS Transmitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CS5820 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button CS5820 Datasheet HTML 2Page - List of Unclassifed Manufacturers CS5820 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS5820 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS5820 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS5820 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS5820 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS5820 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS5820 Datasheet HTML 9Page - List of Unclassifed Manufacturers CS5820 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CS5820
Myson-Century Technology
page 6 of 12
DC CHARACTERISTICS
Note: All typical values are at VCC = 3.3V, TA = 25°C.
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VIT
Input threshold voltage
-1.4
-
V
V
OD
Differential steady-state output voltage
magnitude
RL = 100
Ω
247
340
454
mV
∆V
OD
Change in the steady-state differential
output voltage magnitude between
opposite binary states
-10
50
mV
VOC(SS)
Steady-state common-mode output
voltage
1.125
-
1.375
V
VOC(PP)
Peak-to-peak common-mode output
voltage
-
80
150
mV
IIH
High-level input current
VIH = VCC
--
20
µA
IIH-SHTDN High level input current for SHTDN pin VIH = VCC
--
10
µA
IIL
Low-level input current
VIL = 0
--
±10
µA
IOS
Short-circuit output current
VO(Yn) = 0
--
±24
mA
VOD = 0
--
±12
mA
IOZ
High-impedance output current
VO = 0 to VCC
--
±10
µA
ICC(AVG)
Quiescent supply current (average)
Power down SHTDN = 0
--
250
µA
Enabled, RL = 100Ω (4 places)
Gray_scale pattern
VCC = 3.3V, tC = 15.38ns
-
40
60
mA
Enabled, RL = 100Ω (4 places)
Worst_case pattern
tC = 15.38ns
-
50
75
mA
CI
Input capacitance
-
3-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com