Electronic Components Datasheet Search
  English  ▼

X  

74ACT534DCQB Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74ACT534DCQB
Description  Octal D Flip-Flop with TRI-STATE Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74ACT534DCQB Datasheet(HTML) 3 Page - National Semiconductor (TI)

  74ACT534DCQB Datasheet HTML 1Page - National Semiconductor (TI) 74ACT534DCQB Datasheet HTML 2Page - National Semiconductor (TI) 74ACT534DCQB Datasheet HTML 3Page - National Semiconductor (TI) 74ACT534DCQB Datasheet HTML 4Page - National Semiconductor (TI) 74ACT534DCQB Datasheet HTML 5Page - National Semiconductor (TI) 74ACT534DCQB Datasheet HTML 6Page - National Semiconductor (TI) 74ACT534DCQB Datasheet HTML 7Page - National Semiconductor (TI) 74ACT534DCQB Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC)
b
05V to a70V
DC Input Diode Current (IIK)
VI eb05V
b
20 mA
VI e VCC a 05V
a
20 mA
DC Input Voltage (VI)
b
05V to VCC a 05V
DC Output Diode Current (IOK)
VO eb05V
b
20 mA
VO e VCC a 05V
a
20 mA
DC Output Voltage (VO)
b
05V to VCC a 05V
DC Output Source
or Sink Current (IO)
g
50 mA
DC VCC or Ground Current
per Output Pin (ICC or IGND)
g
50 mA
Storage Temperature (TSTG)
b
65 Cto a150 C
Junction Temperature (TJ)
CDIP
175 C
PDIP
140 C
Note 1
Absolute maximum ratings are those values beyond which damage
to the device may occur The databook specifications should be met without
exception to ensure that the system design is reliable over its power supply
temperature and outputinput loading variables National does not recom-
mend operation of FACTTM circuits outside databook specifications
Recommended Operating
Conditions
Supply Voltage (VCC)
’ACT
45V to 55V
Input Voltage (VI)
0VtoVCC
Output Voltage (VO)
0VtoVCC
Operating Temperature (TA)
74ACT
b
40 Cto a85 C
54ACT
b
55 Cto a125 C
Minimum Input Edge Rate (DV Dt)
’ACT Devices
VIN from 08V to 20V
VCC
45V 55V
125 mVns
DC Characteristics for ’ACT Family Devices
74ACT
54ACT
74ACT
Symbol
Parameter
VCC
TA e
TA e
TA e
Units
Conditions
(V)
a
25 C
b
55 Cto a125 C b40 Cto a85 C
Typ
Guaranteed Limits
VIH
Minimum High Level
45
15
20
20
20
V
VOUT e 01V
Input Voltage
55
15
20
20
20
or VCC b 01V
VIL
Maximum Low Level
45
15
08
08
08
V
VOUT e 01V
Input Voltage
55
15
08
08
08
or VCC b 01V
VOH
Minimum High Level
45
449
44
44
44
V
IOUT eb50 mA
Output Voltage
55
549
54
54
54
VIN e VIL or VIH
45
386
370
376
VIOH
b
24 mA
55
486
470
476
b
24 mA
VOL
Maximum Low Level
45
0001
01
01
01
V
IOUT e 50 mA
Output Voltage
55
0001
01
01
01
VIN e VIL or VIH
45
036
050
044
VIOL
24 mA
55
036
050
044
24 mA
IIN
Maximum Input Leakage Current
55
g
01
g
10
g
10
m
AVI e VCC GND
IOZ
Maximum TRI-STATE
55
g
025
g
50
g
25
m
A
VI e VIL VIH
Current
VO e VCC GND
ICCT
Maximum
55
06
16
15
mA
VI e VCC b 21V
ICC Input
All outputs loaded thresholds on input associated with output under test
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com