Electronic Components Datasheet Search
  English  ▼

X  

LL103A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LL103A
Description  Surface Mount Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LL103A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LL103A Datasheet HTML 1Page - List of Unclassifed Manufacturers LL103A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES LL103A THRU LL103C
FIG.1 - FORWARD CURRENT VS.
FORWARD VOLTAGE
FIG.2 - FORWARD CURRENT VS.
FORWARD VOLTAGE
1000
0.01
0.001
200
0
400
600
800 900
100
300
500
700
1000
VF - FORWARD VOLTAGE ( V )
TJ - JUNCTION TEMPERATURE (
oC)
FIG.4 - DIODE CAPACITANCE VS.
REVERSE VOLTAGE
FIG.3 - REVERSE CURRENT VS.
JUNCTION TEMPERATURE
VF - FORWARD VOLTAGE ( V )
0
60
120
160
40
100
20
80
140
VR - REVERSE VOLTAGE (V)
FIG.5 - TYP. NON REPETITIVE FORWARD
SURGE CURRENT VS. PULSE WIDTH
tp - PULSE WIDTH (ms)
0
0.5
1.0
1.5
2.0
0
10
5
15
20
25
30
YENYO TECHNOLOGY CO., LTD.
0.1
1
10
100
1
100
1000
10
10000
0
2
3
1
5
4
0
5
10
20
0.1
1.0
10.0
25
0
15
10
5
20
25
30
2 / 2
DSC10, R0, MAR-04
f = 1MHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com