Electronic Components Datasheet Search
  English  ▼

X  

74ABT821 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74ABT821
Description  10-bit D-type flip-flop; positive-edge trigger 3-State
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT821 Datasheet(HTML) 1 Page - NXP Semiconductors

  74ABT821 Datasheet HTML 1Page - NXP Semiconductors 74ABT821 Datasheet HTML 2Page - NXP Semiconductors 74ABT821 Datasheet HTML 3Page - NXP Semiconductors 74ABT821 Datasheet HTML 4Page - NXP Semiconductors 74ABT821 Datasheet HTML 5Page - NXP Semiconductors 74ABT821 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Philips Semiconductors
Product specification
74ABT821
10-bit D-type flip-flop; positive-edge trigger
(3-State)
1
1995 Sep 06
853-1616 15703
FEATURES
• High speed parallel registers with positive edge-triggered D-type
flip-flops
• Ideal where high speed, light loading, or increased fan-in are
required with MOS microprocessors
• Output capability: +64mA/–32mA
• Latch-up protection exceeds 500mA per Jedec Std 17
• ESD protection exceeds 2000 V per MIL STD 883 Method 3015
and 200 V per Machine Model
• Power-up 3-State
• Power-up Reset
DESCRIPTION
The 74ABT821 high-performance BiCMOS device combines low
static and dynamic power dissipation with high speed and high
output drive.
The 74ABT821 Bus interface Register is designed to eliminate the
extra packages required to buffer existing registers and provide
extra data width for wider data/address paths of buses carrying
parity.
The 74ABT821 is a buffered 10-bit wide version of the
74ABT374/74ABT534 functions.
The 74ABT821 is a 10-bit, edge triggered register coupled to ten
3-State output buffers. The two sections of the device are controlled
independently by the clock (CP) and Output Enable (OE) control
gates.
The register is fully edge triggered. The state of each D input, one
set-up time before the Low-to-High clock transition is transferred to
the corresponding flip-flop’s Q output.
The 3-State output buffers are designed to drive heavily loaded
3-State buses, MOS memories, or MOS microprocessors.
The active Low Output Enable (OE) controls all ten 3-State buffers
independent of the register operation. When OE is Low, the data in
the register appears at the outputs. When OE is High, the outputs
are in high impedance ”off” state, which means they will neither drive
nor load the bus.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
CP to Qn
CL = 50pF; VCC = 5V
4.6
ns
CIN
Input capacitance
VI = 0V or VCC
4
pF
COUT
Output capacitance
Outputs disabled; VO = 0V or VCC
7
pF
ICCZ
Total supply current
Outputs disabled; VCC =5.5V
500
nA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
24-Pin Plastic DIP
–40
°C to +85°C
74ABT821 N
74ABT821 N
SOT222-1
24-Pin plastic SO
–40
°C to +85°C
74ABT821 D
74ABT821 D
SOT137-1
24-Pin Plastic SSOP Type II
–40
°C to +85°C
74ABT821 DB
74ABT821 DB
SOT340-1
24-Pin Plastic TSSOP Type I
–40
°C to +85°C
74ABT821 PW
74ABT821PW DH
SOT355-1
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
15
16
17
18
19
20
21
22
23
24
OE
D0
D1
D2
D3
D4
D5
D6
D7
Q7
D8
Q6
Q5
Q4
Q3
Q2
Q1
Q0
VCC
Q8
11
14
D9
Q9
12
13
GND
CP
TOP VIEW
SA00223
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
1
OE
Output enable input
(active-Low)
2, 3, 4, 5, 6,
7, 8, 9, 10, 11
D0-D9
Data inputs
23, 22, 21, 20, 19,
18, 17, 16, 15, 14
Q0-Q9
Data outputs
13
CP
Clock pulse input (active
rising edge)
10
GND
Ground (0V)
20
VCC
Positive supply voltage


Similar Part No. - 74ABT821

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT821 NXP-74ABT821 Datasheet
100Kb / 16P
10-bit D-type flip-flop; positive-edge trigger; 3-state
Rev. 03-25 February 2010
74ABT821D NXP-74ABT821D Datasheet
100Kb / 16P
10-bit D-type flip-flop; positive-edge trigger; 3-state
Rev. 03-25 February 2010
74ABT821DB NXP-74ABT821DB Datasheet
100Kb / 16P
10-bit D-type flip-flop; positive-edge trigger; 3-state
Rev. 03-25 February 2010
74ABT821PW NXP-74ABT821PW Datasheet
100Kb / 16P
10-bit D-type flip-flop; positive-edge trigger; 3-state
Rev. 03-25 February 2010
More results

Similar Description - 74ABT821

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16374B PHILIPS-74ABT16374B Datasheet
86Kb / 10P
16-bit D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
74HC173 PHILIPS-74HC173 Datasheet
69Kb / 10P
Quad D-type flip-flop; positive-edge trigger; 3-state
December 1990
74LV574 PHILIPS-74LV574 Datasheet
121Kb / 12P
Octal D-type flip-flop; positive edge-trigger 3-State
1998 Jun 10
MB2821 PHILIPS-MB2821 Datasheet
112Kb / 9P
Dual 10-bit D-type flip-flop; positive-edge trigger 3-State
August 24, 1993
74ALVC374 NXP-74ALVC374 Datasheet
98Kb / 17P
Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 02-17 October 2007
74ALVC574 NXP-74ALVC574 Datasheet
99Kb / 17P
Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02-8 November 2007
74ABT821 NXP-74ABT821 Datasheet
100Kb / 16P
10-bit D-type flip-flop; positive-edge trigger; 3-state
Rev. 03-25 February 2010
74HC173D PHILIPS-74HC173D Datasheet
46Kb / 3P
Quad D-type flip-flop; positive-edge trigger; 3-state
logo
Nexperia B.V. All right...
74HCT374 NEXPERIA-74HCT374 Datasheet
259Kb / 15P
Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 5 - 7 September 2021
74HC574 NEXPERIA-74HC574 Datasheet
289Kb / 17P
Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 9 - 20 October 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com