Electronic Components Datasheet Search
  English  ▼

X  

74ABT74DB Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ABT74DB
Description  Dual D-type flip-flop
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT74DB Datasheet(HTML) 2 Page - NXP Semiconductors

  74ABT74DB Datasheet HTML 1Page - NXP Semiconductors 74ABT74DB Datasheet HTML 2Page - NXP Semiconductors 74ABT74DB Datasheet HTML 3Page - NXP Semiconductors 74ABT74DB Datasheet HTML 4Page - NXP Semiconductors 74ABT74DB Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Philips Semiconductors
Product specification
74ABT74
Dual D-type flip-flop
1995 Sep 22
2
FUNCTION TABLE
INPUTS
OUTPUTS
OPERATING
SD
RD
CP
D
Q
Q
OPERATING
MODE
L
H
X
X
H
L
Asynchronous set
H
L
X
X
L
H
Asynchronous
reset
L
L
X
X
H
H
Undetermined*
H
H
↑
h
H
L
Load “1”
H
H
↑
l
L
H
Load “0”
H
H
↑
X
NC
NC
Hold
NOTES:
H = High voltage level
h
= High voltage level one setup time prior to low-to-high
clock transition
L
= Low voltage level
l
= Low voltage level one setup time prior to low-to-high
clock transition
NC= No change from the previous setup
X = Don’t care
↑ = Low-to-high clock transition
↑ = Not low-to-high clock transition
*
= This setup is unstable and will change when either set
or reset return to the high level.
ABSOLUTE MAXIMUM RATINGS1, 2
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +7.0
V
IIK
DC input diode current
VI < 0
–18
mA
VI
DC input voltage3
–1.2 to +7.0
V
IOK
DC output diode current
VO < 0
–50
mA
VOUT
DC output voltage3
output in Off or High state
–0.5 to +5.5
V
IOUT
DC output current
output in Low state
40
mA
Tstg
Storage temperature range
–65 to 150
°C
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150
°C.
3. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
MIN
MAX
UNIT
VCC
DC supply voltage
4.5
5.5
V
VI
Input voltage
0
VCC
V
VIH
High-level input voltage
2.0
V
VIL
Low-level input voltage
0.8
V
IOH
High-level output current
–15
mA
IOL
Low-level output current
20
mA
∆t/∆v
Input transition rise or fall rate
0
10
ns/V
Tamb
Operating free-air temperature range
–40
+85
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com