Electronic Components Datasheet Search
  English  ▼

X  

H7809BI Datasheet(PDF) 7 Page - Hi-Sincerity Mocroelectronics

Part # H7809BI
Description  3-TERMINAL POSITIVE VOLTAGE REGULATORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H7809BI Datasheet(HTML) 7 Page - Hi-Sincerity Mocroelectronics

Back Button H7809BI Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H7809BI Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics H7809BI Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics H7809BI Datasheet HTML 6Page - Hi-Sincerity Mocroelectronics H7809BI Datasheet HTML 7Page - Hi-Sincerity Mocroelectronics H7809BI Datasheet HTML 8Page - Hi-Sincerity Mocroelectronics H7809BI Datasheet HTML 9Page - Hi-Sincerity Mocroelectronics H7809BI Datasheet HTML 10Page - Hi-Sincerity Mocroelectronics H7809BI Datasheet HTML 11Page - Hi-Sincerity Mocroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : IC200405
Issued Date : 2004.04.01
Revised Date : 2006.01.19
Page No. : 7/12
H78XXAJ / BJ, H78XXAI / BI, H78XXANE / BNE, H78XXAE / BE
HSMC Product Specification
Test Circuits
Application Circuits
Constant Current Regulator
Circuit for Increasing Output Voltage
Adjustable Output Regulator
High Output Current with Short-circuit Protection
V
OUT=VOUT(IC)+VZ
I
1=VOUT(IC)/R1
V
OUT=VOUT(IC)(1+R2/R1)+R2*IB
V
OUT=VOUT(IC)(1+R2/R1)
R
1≤VBE1/IB(max)
R
SC=VBE2/ISC, ISC: Short-Circuit Current
13
2
H78XX
Series
VOUT
VIN
RL
270pF
100
13
2
H78XX
Series
VOUT
VIN
CIN
0.33uF
COUT
0.1uF
DC Parameter
CIN
0.33uF
Load Regulation
VOUT
0V
13
2
H7805
Series
VOUT
VIN
RL
Ripple Rejection
+
-
+
-
DC 9V
13
2
H78XX
Series
VOUT
VIN
0.33uF
R1
IR1
0.1uF
10uF
13
2
H78XX
Series
VOUT
VIN
0.33uF
R1
IB
0.1uF
10uF
R2
13
2
H78XX
Series
VOUT
VIN
0.33uF
R1
IB
0.1uF 10uF
R2
+
-
13
2
H78XX
Series
VOUT
VIN
0.33uF
R1
0.1uF
10uF
Rsc
Q1
Q2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com