Electronic Components Datasheet Search
  English  ▼

X  

H78L09BA Datasheet(PDF) 9 Page - Hi-Sincerity Mocroelectronics

Part # H78L09BA
Description  3-TERMINAL POSITIVE VOLTAGE REGULATORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H78L09BA Datasheet(HTML) 9 Page - Hi-Sincerity Mocroelectronics

Back Button H78L09BA Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H78L09BA Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H78L09BA Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics H78L09BA Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics H78L09BA Datasheet HTML 6Page - Hi-Sincerity Mocroelectronics H78L09BA Datasheet HTML 7Page - Hi-Sincerity Mocroelectronics H78L09BA Datasheet HTML 8Page - Hi-Sincerity Mocroelectronics H78L09BA Datasheet HTML 9Page - Hi-Sincerity Mocroelectronics H78L09BA Datasheet HTML 10Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : IC200403
Issued Date : 2004.03.01
Revised Date : 2004.08.31
Page No. : 9/10
H78LXXAM / BM, H78LXXAA / BA
HSMC Product Specification
TO-92 Dimension
SOT-89 Dimension
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC.
• HSMC reserves the right to make changes to its products without notice.
• HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
• Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C.
Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454
• Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C
Tel: 886-3-5983621~5 Fax: 886-3-5982931
3
2
1
A
B
C
D
E
F
G
H
I
3
1
A
D
B
C
I
α1
E
α2
α3
G
H
2
F
Marking:
Pb Free Mark
Pb-Free: "
. " (Note)
Normal: None
Control Code
Date Code
HA
78 L
Product Series
(05,06,08,09,12)
Note: Green label is used for pb-free packing
Pin Style: 1.Output 2.Ground 3.Input
Material:
• Lead solder plating: Sn60/Pb40 (Normal),
Sn/3.0Ag/0.5Cu or Pure-Tin (Pb-free)
• Mold Compound: Epoxy resin family,
flammability solid burning class: UL94V-0
DIM
Min.
Max.
A
4.33
4.83
B
4.33
4.83
C
12.70
-
D
0.36
0.56
E-
*1.27
F
3.36
3.76
G
0.36
0.56
H-
*2.54
I-
*1.27
α1
-
*5
°
α2
-
*2
°
α3
-
*2
°
*: Typical, Unit: mm
3-Lead TO-92 Plastic Package
HSMC Package Code: A
DIM
Min.
Max.
A
4.40
4.60
B
4.05
4.25
C
1.50
1.70
D
2.40
2.60
E
0.36
0.51
F*1.50
-
G*3.00
-
H
1.40
1.60
I
0.35
0.41
*: Typical, Unit: mm
Marking:
Date Code
Control Code
H
Product Series
(05,06,08,09,12)
78 L
Pb Free Mark
Pb-Free: "
. " (Note)
Normal: None
Note: Green label is used for pb-free packing
Pin Style: 1.Output 2.Ground 3.Input
Material:
• Lead solder plating: Sn60/Pb40 (Normal),
Sn/3.0Ag/0.5Cu or Pure-Tin (Pb-free)
• Mold Compound: Epoxy resin family,
flammability solid burning class: UL94V-0
3-Lead SOT-89 Plastic
Surface Mounted Package
HSMC Package Code: M



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com