Electronic Components Datasheet Search
  English  ▼

X  

H78L12AM Datasheet(PDF) 2 Page - Hi-Sincerity Mocroelectronics

Part # H78L12AM
Description  3-TERMINAL POSITIVE VOLTAGE REGULATORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H78L12AM Datasheet(HTML) 2 Page - Hi-Sincerity Mocroelectronics

  H78L12AM Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H78L12AM Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H78L12AM Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H78L12AM Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics H78L12AM Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics H78L12AM Datasheet HTML 6Page - Hi-Sincerity Mocroelectronics H78L12AM Datasheet HTML 7Page - Hi-Sincerity Mocroelectronics H78L12AM Datasheet HTML 8Page - Hi-Sincerity Mocroelectronics H78L12AM Datasheet HTML 9Page - Hi-Sincerity Mocroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : IC200403
Issued Date : 2004.03.01
Revised Date : 2004.08.31
Page No. : 2/10
H78LXXAM / BM, H78LXXAA / BA
HSMC Product Specification
H78L05XX Electrical Characteristics
V
IN=10V, IOUT=40mA, CIN=0.33uF, COUT=0.1uF, 0°C≤Tj≤125°C (unless otherwise specified)
H78L05AM/AA
Symbol
Parameter
Conditions
Min
Typ
Max
Units
T
j=25°C
4.85
5
5.15
1mA
≤I
OUT≤70mA
V
O
Output Voltage
7V
≤V
IN≤20V, 1mA≤IOUT≤40mA
4.85
5
5.15
V
T
j=25°C, 7V≤VIN≤20V
-
15
150
Reg
line
Line Regulation
T
j=25°C, 8V≤VIN≤20V
-
15
100
mV
T
j=25°C, 1mA≤IOUT≤100mA
-11
60
Reg
load
Load Regulation
T
j=25°C, 1mA≤IOUT≤40mA
-5
30
mV
I
B
Quiescent Current
I
OUT=5mA, Tj=25°C
-3.9
6
mA
8V
≤V
IN≤20V, Tj=25
oC
--
1.5
∆I
B
Quiescent Current
Change
1mA
≤I
OUT≤40mA, Tj=25
oC
--
0.1
mA
V
N
Output Noise Voltage
10Hz
≤f≤100KHz, T
j=25°C
-40
-
uVrms
RR
Ripple Rejection
8V
≤V
IN≤18V, f=120Hz, Tj=25
oC
41
49
-
dB
V
D
Dropout Voltage
T
j=25°C, IOUT=100mA
-1.7
2.5
V
R
O
Output Resistance
f=1KHz
-
17
-
m
Ω
I
SC
Short Circuit Current
V
IN=10V, Tj=25°C
-1.5
2
A
T
CVO
Average Temperature
Coefficient of Output
Voltage
I
OUT=5mA
-
-
0.6
mV/
°C
H78L05BM/BA
Symbol
Parameter
Conditions
Min
Typ
Max
Units
T
j=25°C
4.75
5
5.25
1mA
≤I
OUT≤70mA
V
O
Output Voltage
7V
≤V
IN≤20V, 1mA≤IOUT≤40mA
4.75
5
5.25
V
T
j=25°C, 7V≤VIN≤20V
-
15
150
Reg
line
Line Regulation
T
j=25°C, 8V≤VIN≤20V
-
15
100
mV
T
j=25°C, 1mA≤IOUT≤100mA
-11
60
Reg
load
Load Regulation
T
j=25°C, 1mA≤IOUT≤40mA
-5
30
mV
I
B
Quiescent Current
I
OUT=5mA, Tj=25°C
-3.9
6
mA
8V
≤V
IN≤20V, Tj=25
oC
--
1.5
∆I
B
Quiescent Current
Change
1mA
≤I
OUT≤40mA, Tj=25
oC
--
0.1
mA
V
N
Output Noise Voltage
10Hz
≤f≤100KHz, T
j=25°C
-40
-
uVrms
RR
Ripple Rejection
8V
≤V
IN≤18V, f=120Hz, Tj=25
oC
41
49
-
dB
V
D
Dropout Voltage
T
j=25°C, IOUT=100mA
-1.7
2.5
V
R
O
Output Resistance
f=1KHz
-
17
-
m
Ω
I
SC
Short Circuit Current
V
IN=10V, Tj=25°C
-1.5
2
A
T
CVO
Average Temperature
Coefficient of Output
Voltage
I
OUT=5mA
-
-
0.6
mV/
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com