Electronic Components Datasheet Search
  English  ▼

X  

HMC144LC4 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC144LC4
Description  GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 20 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC144LC4 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC144LC4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC144LC4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC144LC4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC144LC4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC144LC4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC144LC4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
7
7 - 30
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC144LC4
GaAs MMIC DOUBLE-BALANCED
MIXER, 6 - 20 GHz
v00.0904
General Description
Features
Functional Diagram
The HMC144LC4 is a Double-Balanced MMIC
Mixer in a leadless “Pb free” SMT package which
can be used as an upconverter or downconverter
from 6 to 20 GHz. Broadband operation and 30 to
40 dB isolations are provided by on-chip baluns,
which require no external components or DC bias.
MMIC mixers are more reliable replacements to
hybrid diode mixers assuring consistent conversion
loss and isolation performance over high volume
production lots. The HMC144LC4 eliminates the
need for wire bonding, allowing use of surface mount
manufacturing techniques.
+23 dBm Input IP3
35 dB LO/RF Isolation
IF Bandwidth : DC to 3 GHz
RoHS Compliant 4x4 mm SMT Package
Electrical Specifications, T
A = +25° C
Typical Applications
The HMC144LC4 is ideal for:
• Point-to-Point Radios
• Point-to-Mulit-Point Radios & VSAT
• Test Equipment & Sensors
• Military End-Use
Parameter
IF = 100 MHz
LO = +20 dBm
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Frequency Range, RF & LO
6 - 12
12 - 20
GHz
Frequency Range, IF
DC - 3
DC - 3
GHz
Conversion Loss
9.5
11.5
11
13
dB
Noise Figure (SSB)
9.5
11.5
11
13
dB
LO to RF Isolation
25
35
25
35
dB
LO to IF Isolation
15
20
15
20
dB
RF to IF Isolation
15
25
15
25
dB
IP3 (Input)
23
23
dBm
1 dB Compression (Input)
12
15
12
15
dBm
* Unless otherwise noted, all measurements performed as downconverter, IF= 100 MHz.


Similar Part No. - HMC144LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC144LC4 HITTITE-HMC144LC4 Datasheet
201Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 20 GHz
logo
Analog Devices
HMC144LC4 AD-HMC144LC4 Datasheet
615Kb / 10P
Point-to-Point Radios
logo
Hittite Microwave Corpo...
HMC144LC4 HITTITE-HMC144LC4_09 Datasheet
201Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 20 GHz
More results

Similar Description - HMC144LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC130 HITTITE-HMC130 Datasheet
180Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 11 GHz
HMC141 HITTITE-HMC141 Datasheet
121Kb / 4P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz
HMC143 HITTITE-HMC143 Datasheet
118Kb / 4P
GaAs MMIC DOUBLE-BALANCED MIXER, 5 - 20 GHz
HMC130 HITTITE-HMC130_07 Datasheet
181Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 11 GHz
HMC144LH5 HITTITE-HMC144LH5 Datasheet
263Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 20 GHz
HMC130 HITTITE-HMC130_09 Datasheet
196Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 11 GHz
HMC141 HITTITE-HMC141_09 Datasheet
224Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz
HMC143 HITTITE-HMC143_08 Datasheet
183Kb / 8P
GaAs MMIC DOUBLE-BALANCED MIXER, 5 - 20 GHz
HMC144LC4 HITTITE-HMC144LC4_09 Datasheet
201Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 20 GHz
HMC144LH5 HITTITE-HMC144LH5_08 Datasheet
195Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 20 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com