Electronic Components Datasheet Search
  English  ▼

X  

HMC241LP3 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC241LP3
Description  GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 4.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC241LP3 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC241LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC241LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC241LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC241LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC241LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC241LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
8
8 - 103
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Return Loss
Insertion Loss
Isolation
Bias Voltage & Current
TTL/CMOS Control Voltages
Vdd Range = +5.0 Vdc ± 10%
Vdd
(Vdc)
Idd (Typ.)
(mA)
Idd (Max.)
(mA)
+5.0
2.7
5.0
State
Bias Condition
Low
0 to +0.8 Vdc @ 5uA Typ.
High
+2.0 to +5.0 Vdc @ 70 uA Typ.
Truth Table
NOTE: DC Blocking capacitors are required at ports RFC
and RF1, 2, 3, 4.
Control Input
Signal Path State
A
B
RFC to:
LOW
LOW
RF1
HIGH
LOW
RF2
LOW
HIGH
RF3
HIGH
HIGH
RF4
GaAs MMIC SP4T NON-REFLECTIVE
SWITCH, DC - 4.0 GHz
v01.0905
HMC241LP3 / 241LP3E
-5
-4
-3
-2
-1
0
012345
6
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-70
-60
-50
-40
-30
-20
-10
0
012345
6
RF1
RF2
RF3
RF4
FREQUENCY (GHz)
-35
-30
-25
-20
-15
-10
-5
0
012345
6
RFC
RF1-4 ON
RF1-4 OFF
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com