Electronic Components Datasheet Search
  English  ▼

X  

HMC495LP3 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC495LP3
Description  SiGe WIDEBAND DIRECT MODULATOR RFIC, 250 - 3800 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC495LP3 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC495LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC495LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC495LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC495LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC495LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC495LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC495LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC495LP3 Datasheet HTML 8Page - Hittite Microwave Corporation HMC495LP3 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
8
8 - 2
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
SiGe WIDEBAND DIRECT
MODULATOR RFIC, 250 - 3800 MHz
v02.0705
HMC495LP3 / 495LP3E
General Description
Features
Functional Diagram
The HMC495LP3 & HMC495LP3E are low noise
Wideband Direct Quadrature Modulator RFICs which
are ideal for digital modulation applications from 250
- 3800 MHz including; Cellular/3G, Broadband Wireless
Access & ISM circuits. Housed in a compact 3x3 mm
(LP3) SMT QFN package, the RFIC requires minimal
external components & provides a low cost alternative
to more complicated double upconversion architec-
tures. The RF output port is single-ended and matched
to 50 Ohms with no external components. The LO re-
quires -6 to +6 dBm and can be driven in either dif-
ferential or single-ended mode while the Baseband in-
puts will support modulation inputs from DC - 250 MHz
typical. This device is optimized for a supply voltage of
+3.3V @ 108 mA and will provide stable performance
over a +3.0V to +3.6V range.
Wideband RF Frequency Range
High Carrier Suppression: 38 dBc
Very Low Noise Floor: -158 dBm/Hz
Low LO Power: -6 to +6 dBm
Differential or Single Ended LO Input
Single Low Current Supply: +3.3V@ 108 mA
Typical Applications
The HMC495LP3 / HMC495LP3E is suitable for
various modulation systems:
• UMTS, GSM or CDMA Basestations
• Fixed Wireless or WLL
• ISM Transceivers, 900 & 2400 MHz
• GMSK, QPSK, QAM, SSB Modulators
Electrical Specifications, See Test Conditions on following page herein.
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range, RF
450 - 960
1800 - 2200
2100 - 2700
3400 - 3800
MHz
Output Power
-7
-5
-8
-6
-9
-7
-11
-9
dBm
Output P1dB
2
1
0
-2
dBm
Output IP3
17
14
14
13
dBm
Output Noise Floor
-159
-158
-158
-157
dBm/Hz
Carrier Suppression (uncalibrated)
38
38
35
34
dBc
Sideband Suppression
(uncalibrated)
34
31
30
28
dBc
IM3 Suppression
59
50
50
56
dBc
RF Port Return Loss
18
17
16
13
dB
LO Port Return Loss
13
8
7
5
dB
CDMA IS95
ACPR@ 880 MHz & 1960 MHz
-72
-71.5
N/A
N/A
dBc
Channel Power
-15
-18.4
N/A
N/A
dBm
W-CDMA 3GPP
ACPR@ 1960 & 2140 MHz
N/A
-60
-59
N/A
dBc
Channel Power
N/A
-17.3
-14.4
N/A
dBm


Similar Part No. - HMC495LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC495LP3 HITTITE-HMC495LP3 Datasheet
428Kb / 12P
SiGe WIDEBAND DIRECT MODULATOR RFIC, 250 - 3800 MHz
HMC495LP3E HITTITE-HMC495LP3E Datasheet
428Kb / 12P
SiGe WIDEBAND DIRECT MODULATOR RFIC, 250 - 3800 MHz
HMC495LP3 HITTITE-HMC495LP3_08 Datasheet
428Kb / 12P
SiGe WIDEBAND DIRECT MODULATOR RFIC, 250 - 3800 MHz
More results

Similar Description - HMC495LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC496LP3 HITTITE-HMC496LP3 Datasheet
479Kb / 10P
SiGe WIDEBAND DIRECT MODULATOR RFIC, 4.0 - 7.0 GHz
HMC497LP4 HITTITE-HMC497LP4 Datasheet
547Kb / 10P
SiGe WIDEBAND DIRECT MODULATOR RFIC, 100 - 4000 MHz
HMC597LP4 HITTITE-HMC597LP4 Datasheet
259Kb / 8P
SiGe WIDEBAND DIRECT DEMODULATOR RFIC, 100 - 4000 MHz
HMC696LP4E HITTITE-HMC696LP4E Datasheet
414Kb / 10P
SiGe WIDEBAND DIRECT QUADRATURE MODULATOR, 20 - 2700 MHz
HMC696LP4E HITTITE-HMC696LP4E_08 Datasheet
414Kb / 6P
SiGe WIDEBAND DIRECT QUADRATURE MODULATOR, 20 - 2700 MHz
HMC495LP3 HITTITE-HMC495LP3_08 Datasheet
428Kb / 12P
SiGe WIDEBAND DIRECT MODULATOR RFIC, 250 - 3800 MHz
HMC496LP3 HITTITE-HMC496LP3_11 Datasheet
558Kb / 10P
SiGe WIDEBAND DIRECT MODULATOR RFIC, 4 - 7 GHz
HMC497LP4 HITTITE-HMC497LP4_09 Datasheet
370Kb / 10P
SiGe WIDEBAND DIRECT MODULATOR RFIC, 100 - 4000 MHz
HMC597LP4 HITTITE-HMC597LP4_08 Datasheet
269Kb / 8P
SiGe WIDEBAND DIRECT DEMODULATOR RFIC, 100 - 4000 MHz
HMC697LP4 HITTITE-HMC697LP4 Datasheet
310Kb / 8P
SiGe WIDEBAND DIRECT QUADRATURE MODULATOR, 200 - 4000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com