Electronic Components Datasheet Search
  English  ▼

X  

3709 Datasheet(PDF) 2 Page - 3M Electronics

Part # 3709
Description  050 Round Conductor Flat Cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3709 Datasheet(HTML) 2 Page - 3M Electronics

  3709 Datasheet HTML 1Page - 3M Electronics 3709 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3M Interconnect Solutions Division
6801 River Place Blvd.
Austin, TX 78726-9000
For technical, sales or ordering information call
800-225-5373
.050
″ Round Conductor Flat Cable
28 AWG Solid, PVC
3709 Series
Number of
Conductors
3M Part
Number
Dimension A
Dimension B
09
3709/09
0.450
± .010 [ 11.43 ]
0.400
± .007 [ 10.18 ]
10
3709/10
0.500
± .010 [ 12.70 ]
0.450
± .007 [ 11.43 ]
14
3709/14
0.700
± .010 [ 17.78 ]
0.650
± .007 [ 16.51 ]
15
3709/15
0.750
± .010 [ 19.05 ]
0.700
± .007 [ 17.78 ]
16
3709/16
0.800
± .015 [ 20.32 ]
0.750
± .011 [ 19.05 ]
18
3709/18
0.900
± .015 [ 22.86 ]
0.850
± .011 [ 21.59 ]
20
3709/20
1.000
± .015 [ 25.40 ]
0.950
± .011 [ 24.13 ]
24
3709/24
1.200
± .015 [ 30.48 ]
1.150
± .011 [ 29.21 ]
25
3709/25
1.250
± .015 [ 31.75 ]
1.200
± .011 [ 30.48 ]
26
3709/26
1.300
± .015 [ 33.02 ]
1.250
± .011 [ 31.75 ]
30
3709/30
1.500
± .020 [ 38.10 ]
1.450
± .015 [ 36.83 ]
34
3709/34
1.700
± .020 [ 43.18 ]
1.650
± .015 [ 41.91 ]
36
3709/36
1.800
± .020 [ 45.72 ]
1.750
± .015 [ 44.45 ]
37
3709/37
1.850
± .020 [ 46.99 ]
1.800
± .015 [ 45.72 ]
40
3709/40
2.000
± .020 [ 50.80 ]
1.950
± .015 [ 49.53 ]
50
3709/50
2.500
± .020 [ 63.50 ]
2.450
± .015 [ 62.23 ]
60
3709/60
3.000
± .020 [ 76.20 ]
2.950
± .015 [ 74.93 ]
64
3709/64
3.200
± .020 [ 81.28 ]
3.150
± .015 [ 80.01 ]
A
B
.033
± .003
[ 0.84 ]
.050
± .002 Typ
[ 1.27 ]
.025
± .007
[ 0.64 ]
28 AWG [ 0.32 ] Tinned Solid
Copper Conductors
Ordering Information
3709/XX
Blank = Standard
C = Canadian Certified
Version
Number of Conductors
(See Table)
Note: Available in standard lengths of 100 ft or 300 ft per roll, please specify when ordering.
TS-0419-05
Sheet 2 of 2
PVC Insulation
Note: Red marking on one edge of cable designates wire #1.
Inch
[mm]
± .005
± .1 ± .01
Tolerance Unless Noted
.0
.00
.000
Inch
[ ] Dimensions for
Reference only
®
®
(OPTIONAL)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com