Electronic Components Datasheet Search
  English  ▼

X  

3849 Datasheet(PDF) 2 Page - 3M Electronics

Part # 3849
Description  033 Round Conductor Flat Cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3849 Datasheet(HTML) 2 Page - 3M Electronics

  3849 Datasheet HTML 1Page - 3M Electronics 3849 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3M Interconnect Solutions Division
6801 River Place Blvd.
Austin, TX 78726-9000
For technical, sales or ordering information call
800-225-5373
.033
″ Round Conductor Flat Cable
30 AWG Stranded, PVC
3849 Series
Number of
Conductors
3M Part
Number
Dimension A
Dimension B
96
3849/96
3.197
± .020 [ 81.20 ]
3.164
± .015 [ 80.37 ]
Ordering Information
Note: Red marking on one edge of cable designates wire #1.
3849/XX
Note: Standard length is 100 ft/roll.
TS-0573-06
Sheet 2 of 2
Blank = Standard
C = Canadian Certified
Version
Number of Conductors
(See Table)
A
B
.033
± .002 Typ
[ 0.85 ]
.017
± .007
[ 0.43 ]
.033
± .003
[ 0.85 ]
PVC Insulation
30 AWG 7 X 38 ( 7 X 0.102 ) Tinned
Stranded Copper Conductors
Inch
[mm]
± .005
± .1 ± .01
Tolerance Unless Noted
.0
.00
.000
Inch
[ ] Dimensions for
Reference only
®
®
(OPTIONAL)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com