Electronic Components Datasheet Search
  English  ▼

X  

3709/64 Datasheet(PDF) 1 Page - 3M Electronics

Part # 3709/64
Description  050 Round Conductor Flat Cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3709/64 Datasheet(HTML) 1 Page - 3M Electronics

  3709/64 Datasheet HTML 1Page - 3M Electronics 3709/64 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3M Interconnect Solutions Division
6801 River Place Blvd.
Austin, TX 78726-9000
For technical, sales or ordering information call
800-225-5373
.050
″ Round Conductor Flat Cable
28 AWG Solid, PVC
3709 Series
86
TS-0419-05
Sheet 1 of 2
S 28 AWG solid wire
S .050 inch centers permit mass termination
to a broad line of IDC connectors
S Zippable for branching or discrete
termination
Date Modified: June 23, 1999
Physical
Insulation
Material: Polyvinyl Chloride (PVC)
Color: Gray
Marking
Standard: None
Canadian Option:
AWM 2651 105C 300V VW1
3M NU
C
AWM IA 105C 300V FT1
EU <50V
Conductors: 28 AWG [ 0.32 ] Tinned Solid Copper
Electrical
Voltage Rating: USA: 300V
Canada: 300V
EU: <50V
Insulation Resistance: >1 x 1010
Ω /10ft [3m]
Unbalanced
Balanced
Characteristic Impedance: 114
Ω
188
Ω
Capacitance: 12.8 pF/ft (42.0 pF/m)
7.4 pF/ft (24.3 pF/m)
Inductance: .17
µH/ft (0.56 µH/m) .26 µΗ/ft (0.85 µΗ/m)
Propagation Delay: 1.45 ns/ft (4.76 ns/m)
1.40 ns/ft (4.59 ns/m)
Velocity of Propagation: 70%
73%
Note: Unbalanced is measured between ground-signal-ground conductors. Balanced is measured between signal conductors within a pair.
Environmental
Temperature Rating: –20
°C to +105°C
Flammability Rating: USA: VW-1
Canada: FT1
UL File No.: E42769, Style No.: 2651


Similar Part No. - 3709/64

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3709-BA ETC2-3709-BA Datasheet
160Kb / 2P
NEMA STEEL METAL BOX
logo
Bud Industries, Inc.
3709-BA BUD-3709-BA Datasheet
160Kb / 2P
NEMA SHEET METAL BOX
logo
List of Unclassifed Man...
3709-CA ETC2-3709-CA Datasheet
160Kb / 2P
NEMA STEEL METAL BOX
37090 ETC2-37090 Datasheet
280Kb / 1P
Wiha TORX Tools Wiha TORX Plus Tools
logo
Molex Electronics Ltd.
370902 MOLEX5-370902 Datasheet
218Kb / 2P
7.50mm (.295") Beau??Eurostyle??Pluggable PCB Terminal Block, 270째 Wire Entry, 2 Circuits
More results

Similar Description - 3709/64

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0082266815 MOLEX3-0082266815 Datasheet
283Kb / 4P
1.27mm (.050") Pitch Round Conductor Flat Cable
0082285528 MOLEX3-0082285528 Datasheet
313Kb / 4P
1.27mm (.050") Pitch Round Conductor Flat Cable
0082285740 MOLEX3-0082285740 Datasheet
312Kb / 4P
1.27mm (.050") Pitch Round Conductor Flat Cable
0082285745 MOLEX3-0082285745 Datasheet
304Kb / 4P
1.27mm (.050") Pitch Round Conductor Flat Cable
0082285548 MOLEX3-0082285548 Datasheet
313Kb / 4P
1.27mm (.050") Pitch Round Conductor Flat Cable
0082266837 MOLEX3-0082266837 Datasheet
283Kb / 4P
1.27mm (.050") Pitch Round Conductor Flat Cable
0082285505 MOLEX3-0082285505 Datasheet
313Kb / 4P
1.27mm (.050") Pitch Round Conductor Flat Cable
0082266817 MOLEX3-0082266817 Datasheet
275Kb / 4P
1.27mm (.050") Pitch Round Conductor Flat Cable
0082285742 MOLEX3-0082285742 Datasheet
304Kb / 4P
1.27mm (.050") Pitch Round Conductor Flat Cable
0082285722 MOLEX3-0082285722 Datasheet
312Kb / 4P
1.27mm (.050") Pitch Round Conductor Flat Cable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com