Electronic Components Datasheet Search
  English  ▼

X  

HMC526 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC526
Description  GaAs MMIC I/Q MIXER 6 - 10 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC526 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC526 Datasheet HTML 1Page - Hittite Microwave Corporation HMC526 Datasheet HTML 2Page - Hittite Microwave Corporation HMC526 Datasheet HTML 3Page - Hittite Microwave Corporation HMC526 Datasheet HTML 4Page - Hittite Microwave Corporation HMC526 Datasheet HTML 5Page - Hittite Microwave Corporation HMC526 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3
3 - 156
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC526
GaAs MMIC I/Q MIXER
6 - 10 GHz
v00.1204
General Description
Features
Typical Applications
The HMC526 is a compact I /Q MMIC mixer which can
be used as either an Image Reject Mixer or a Single
Sideband Upconverter. The chip utilizes two standard
Hittite double balanced mixer cells and a 90 degree
hybrid fabricated in a GaAs MESFET process. All
data shown below is taken with the chip mounted in
a 50 Ohm test fixture and includes the effects of 1 mil
diameter x 20 mil length bond wires on each port. A
low frequency quadrature hybrid was used to produce
a 100 MHz USB IF output. This product is a much
smaller alternative to hybrid style Image Reject Mixers
and Single Sideband Upconverter assemblies.
Electrical Specifications, T
A = +25° C, IF= 100 MHz, LO = +19 dBm*
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range, RF/LO
6 - 10
7 - 8.5
GHz
Frequency Range, IF
DC - 3.5
DC - 3.5
GHz
Conversion Loss (As IRM)
7.5
10
7.5
9.5
dB
Image Rejection
18
30
28
40
dB
1 dB Compression (Input)
+19
+20
dBm
LO to RF Isolation
35
45
40
50
dB
LO to IF Isolation
17
20
17
22
dB
IP3 (Input)
+25
+30
dBm
Amplitude Balance
0.5
0.2
dB
Phase Balance
5
5
Deg
* Unless otherwise noted, all measurements performed as downconverter.
Functional Diagram
The HMC526 is ideal for:
• Point-to-Point and Point-to-Multi-Point Radio
• VSAT
• Military End Use
Wide IF Bandwidth: DC - 3.5 GHz
Image Rejection: 40 dB
LO to RF Isolation: 50 dB
High Input IP3: +28 dBm


Similar Part No. - HMC526

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC526 HITTITE-HMC526 Datasheet
234Kb / 6P
GaAs MMIC I/Q MIXER 6 - 10 GHz
logo
Micross Components
HMC526 MICROSS-HMC526 Datasheet
880Kb / 9P
Military End Use
logo
Hittite Microwave Corpo...
HMC526LC4 HITTITE-HMC526LC4 Datasheet
296Kb / 6P
GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC526LC4 HITTITE-HMC526LC4 Datasheet
212Kb / 6P
GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC526LC4 HITTITE-HMC526LC4_09 Datasheet
212Kb / 6P
GaAs MMIC I/Q MIXER 6 - 10 GHz
More results

Similar Description - HMC526

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC520 HITTITE-HMC520 Datasheet
313Kb / 6P
GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC520LC4 HITTITE-HMC520LC4 Datasheet
288Kb / 6P
GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC526LC4 HITTITE-HMC526LC4 Datasheet
296Kb / 6P
GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC-C041 HITTITE-HMC-C041 Datasheet
293Kb / 6P
GaAs MMIC I/Q MIXER MODULE 6 - 10 GHz
HMC520 HITTITE-HMC520_10 Datasheet
240Kb / 6P
GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC520LC4 HITTITE-HMC520LC4_09 Datasheet
212Kb / 6P
GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC526 HITTITE-HMC526_09 Datasheet
234Kb / 6P
GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC526LC4 HITTITE-HMC526LC4_09 Datasheet
212Kb / 6P
GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC1042LC4 HITTITE-HMC1042LC4 Datasheet
1Mb / 16P
GaAs MMIC I/Q MIXER
logo
Custom MMIC Design Serv...
CMD182C4 MMIC-CMD182C4 Datasheet
245Kb / 11P
6-10 GHz I/Q Mixer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com