Electronic Components Datasheet Search
  English  ▼

X  

74AHC08 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74AHC08
Description  Quad 2-input AND gate
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC08 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74AHC08 Datasheet HTML 4Page - NXP Semiconductors 74AHC08 Datasheet HTML 5Page - NXP Semiconductors 74AHC08 Datasheet HTML 6Page - NXP Semiconductors 74AHC08 Datasheet HTML 7Page - NXP Semiconductors 74AHC08 Datasheet HTML 8Page - NXP Semiconductors 74AHC08 Datasheet HTML 9Page - NXP Semiconductors 74AHC08 Datasheet HTML 10Page - NXP Semiconductors 74AHC08 Datasheet HTML 11Page - NXP Semiconductors 74AHC08 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1999 Sep 24
8
Philips Semiconductors
Product specification
Quad 2-input AND gate
74AHC08; 74AHCT08
AC WAVEFORMS
Fig.5 The input (nA, nB) to output (nY) propagation delays.
handbook, halfpage
MNA224
tPHL
tPLH
VM
(1)
VM
(1)
nA, nB INPUT
nY OUTPUT
GND
VI
VOH
VOL
FAMILY
VI INPUT
REQUIREMENTS
VM(1)
INPUT
VM(1)
OUTPUT
74AHC
GND to VCC
50% VCC
50% VCC
74AHCT
GND to 3.0 V
1.5 V
50% VCC
Fig.6 Load circuitry for switching times.
TEST
S1
tPLH/tPHL
open
tPLZ/tPZL
VCC
tPHZ/tPZH
GND
handbook, full pagewidth
open
GND
VCC
VCC
VI
VO
MNA225
D.U.T.
CL
RT
1000
Ω
PULSE
GENERATOR
S1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com