Electronic Components Datasheet Search
  English  ▼

X  

8250 Datasheet(PDF) 3 Page - 3M Electronics

Part # 8250
Description  D Sub Plug Connector, 50 Position
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8250 Datasheet(HTML) 3 Page - 3M Electronics

  8250 Datasheet HTML 1Page - 3M Electronics 8250 Datasheet HTML 2Page - 3M Electronics 8250 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
10
° 0° Typ
TS-0035-15
Sheet 3 of 3
A1
B1
F1
E1
Alternate
GI Radius
Typ
C1
D1
Full Radius
.060
[ 1.52 ]
.120
[ 3.05 ]
R .032 Max. Typ
[ 0.81 ]
Strain Relief
(Order Separately or with Connector)
.31
[ 7.9 ]
.65
[ 16.5 ]
2.81 [ 71.4 ]
.102
[ 2.6 ]
3M Interconnect Solutions Division
6801 River Place Blvd.
Austin, TX 78726-9000
For technical, sales or ordering information call
800-225-5373
D Sub
Plug Connector, 50 Position
8250 Series
Mounting
Contact
Dimensions
Mounting
Method*
Contact
Quantity
A1
B1
C1
D1
E1
F1
G1
Rear
50
2.218
[ 56.34 ]
1.109
[ 28.17 ]
2.40
[ 61.1 ]
1.20
[ 30.55 ]
0.525
[ 13.34 ]
0.26
[ 6.60 ]
0.120
[ 3.05 ]
* Rear Mount — The connector is mounted behind the panel.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com