Electronic Components Datasheet Search
  English  ▼

X  

LATBT66B Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LATBT66B
Description  Enhanced optical Power LED (HOP2000 / ATON짰)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LATBT66B Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LATBT66B Datasheet HTML 3Page - OSRAM GmbH LATBT66B Datasheet HTML 4Page - OSRAM GmbH LATBT66B Datasheet HTML 5Page - OSRAM GmbH LATBT66B Datasheet HTML 6Page - OSRAM GmbH LATBT66B Datasheet HTML 7Page - OSRAM GmbH LATBT66B Datasheet HTML 8Page - OSRAM GmbH LATBT66B Datasheet HTML 9Page - OSRAM GmbH LATBT66B Datasheet HTML 10Page - OSRAM GmbH LATBT66B Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LATB T66B
2002-05-24
7
Durchlassstrom
I
F = f (VF)
Forward Current
T
A = 25 °C
Durchlassstrom
I
F = f (VF)
Forward Current
T
A = 25 °C
Relative Lichtstärke
I
V/IV(20 mA) = f (IF)
Relative Luminous Intensity
T
A = 25 °C
Relative Lichtstärke
I
V/IV(25 °C) = f (TA)
Relative Luminous Intensity
I
F = 20 mA
OHL00444
1.4
mA
10
1
10
5
-2
5
0
10
-1
5
10
V
10
2
F
I
F
V
1.6
1.8
2.0
2.2
2.4
OHL01481
I
F
3.5
23
2.5
5
V
4.5
4
VF
5
mA
10
2
10
-1
5
10
0
5
10
1
true green
blue
V
V (20 mA)
10 -1
0
10
10 12
10
mA
OHL01473
F
I
I
I
55
true green
blue
1
10
-2
-3
10
10
5
-1
0
5
10
5
10
amber
V
V (25 ˚C)
OHL01477
I
I
TA
0
020
40
60
80
100
˚C
0.4
0.8
1.2
0.2
0.6
amber
true green
blue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com