Electronic Components Datasheet Search
  English  ▼

X  

10150-52B2VC Datasheet(PDF) 2 Page - 3M Electronics

Part # 10150-52B2VC
Description  3M Mini D Ribbon (MDR) Connectors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

10150-52B2VC Datasheet(HTML) 2 Page - 3M Electronics

  10150-52B2VC Datasheet HTML 1Page - 3M Electronics 10150-52B2VC Datasheet HTML 2Page - 3M Electronics 10150-52B2VC Datasheet HTML 3Page - 3M Electronics 10150-52B2VC Datasheet HTML 4Page - 3M Electronics 10150-52B2VC Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3
Interconnect Solutions
http://www.3M.com/interconnects/
3MMini D Ribbon (MDR) Connectors
.050″ Boardmount Thru-Hole Right Angle Plug — Shielded
101Series
Contact
Q
i
Dimensions
Quantity
A
B
C
D
20
.450 [11.43]
.71 [18.1] 1.081 [27.45]
1.31 [33.3]
26
.600 [15.24]
.87 [22.0] 1.231 [31.26]
1.46 [37.2]
36
.850 [21.59]
1.11 [28.3] 1.481 [37.61]
1.71 [43.5]
50
1.200 [30.48]
1.46 [37.2]
1.831 [46.5]
2.06 [52.4]
Ordering Information
101XX-X2X2VC
Contact Quantity
.34
[8.6]
.18
[4.8]
2X PCB Lockdown Thread
(see ordering information)
.15
[3.8]
.12
[3.0]
3X .075
[1.91]
.188
[4.79]
.01
[0.3]
.33
[8.4]
.31
[7.9]
.65
[16.5]
D
C
.26
[6.6]
2X Panel Thread
(see ordering
information)
.15
[3.8]
15°
.01
[0.2]
.02
[0.5]
A
B
.050
[1.27]
.19
[4.8]
.36
[9.1]
.38
[9.7]
Normal Type
(see ordering information)
Reverse Type
(see ordering information)
Panel/Board Retention Feature
20, 26, 36 pos:
1 = M2.5 panel/M2.5 screw lock
B = M2.5 panel/ground lock 50 pos:
4 = 4--40 panel/4--40 screw lock
E = 4--40 panel/ground lock
Mounting Feature
5 = Boardmount Right Angle Normal Type
7 = Boardmount Right Angle Reverse Type
TS-0620-07
Sheet 2 of 4
Inch
[mm]
± .005
± .1
± .01
Tolerance Unless Noted
.0
.00
.000
Inch
[ ] Dimensions for
Reference only
Position 1
Position
Optional Ground
Lock 2X
(see ordering
information)
Last
Position



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com