Electronic Components Datasheet Search
  English  ▼

X  

HMC548LP3 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC548LP3
Description  SiGe HBT MMIC LOW NOISE AMPLIFIER, 1.2 - 3.0 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC548LP3 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC548LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC548LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC548LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC548LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC548LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC548LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC548LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC548LP3 Datasheet HTML 8Page - Hittite Microwave Corporation HMC548LP3 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
5
5 - 536
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC548LP3 / 548LP3E
SiGe HBT MMIC LOW NOISE
AMPLIFIER, 1.2 - 3.0 GHz
v00.0406
General Description
Features
Functional Diagram
Single Supply: Vcc = +5V
Low Noise Figure: 1.3 dB
High Output IP3: +21 dBm
No External Matching Required
External Filter Access
3x3 mm Leadless SMT Package
Electrical Specifications, T
A = +25° C, Vcc= +5V*
Typical Applications
The HMC548LP3 / HMC548LP3E is ideal for:
• Automotive Telematics
• GPS Antenna Modules / Boosters
• Location Based Portables
• Satellite Navigation
The HMC548LP3 & HMC548LP3E are comprised of
two internally matched SiGe HBT MMIC low noise
amplifier stages housed in 3x3 mm leadless SMT
packages. The unique topology of the HMC548LP3
& HMC548LP3E provides interstage access allowing
the designer to place a bandpass filter between the
two amplifier stages. This filtering approach enables
the receiver to reject nearby blocking signals such as
those emitted from cellular and 3G hand-helds, without
incurring the noise figure degradation associated with
a high rejection pre-filter. When combined with the
appropriate interstage bandpass filter, this LNA can be
used as a receiver pre-amplifier in various applications
from 1.2 to 3.0 GHz. Evaluation boards are available
with or without a GPS L1 (1575 MHz) band pass filter.
Parameter
Min.
Typ.
Max.
Units
Frequency Range
1575
MHz
Gain
23
26
dB
Gain Variation Over Temperature
0.04
0.05
dB/°C
Noise Figure
1.3
1.6
dB
Input Return Loss
8dB
Output Return Loss
22
dB
Output 1 dB Compression (P1dB)
11.5
dBm
Saturated Output Power (Psat)
12.5
dBm
Output Third Order Intercept (IP3)
21
dBm
Supply Current (Icc) (Vcc = +5V)
21
30
mA
* All measurements include external 1.57 - 1.6 GHz (GPS L1) band pass filter connected between pin 4 & pin 9.


Similar Part No. - HMC548LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC548LP3 HITTITE-HMC548LP3 Datasheet
348Kb / 8P
SiGe HBT MMIC LOW NOISE AMPLIFIER, 1.2 - 3.0 GHz
HMC548LP3E HITTITE-HMC548LP3E Datasheet
348Kb / 8P
SiGe HBT MMIC LOW NOISE AMPLIFIER, 1.2 - 3.0 GHz
HMC548LP3 HITTITE-HMC548LP3_09 Datasheet
348Kb / 8P
SiGe HBT MMIC LOW NOISE AMPLIFIER, 1.2 - 3.0 GHz
More results

Similar Description - HMC548LP3

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
INA-54063 HP-INA-54063 Datasheet
117Kb / 10P
3.0 GHz Low Noise Silicon MMIC Amplifier
logo
Tyco Electronics
MAAM12000 MACOM-MAAM12000 Datasheet
191Kb / 2P
Low Noise GaAs MMIC Amplifier 1.2-1.75 GHz
MAAM12000-A1 MACOM-MAAM12000-A1 Datasheet
178Kb / 3P
Low Noise GaAs MMIC Amplifier 1.2 - 1.75 GHz
logo
Tachyonics CO,. LTD
THM1001TE TACHYONICS-THM1001TE Datasheet
170Kb / 9P
SiGe HBT MMIC POWER AMPLIFIER
logo
NEC
UPC1676B NEC-UPC1676B Datasheet
70Kb / 5P
1.2 GHz BANDWIDTH LOW NOISE SILICON MMIC AMPLIFIER
logo
Hittite Microwave Corpo...
HMC548LP3 HITTITE-HMC548LP3_09 Datasheet
348Kb / 8P
SiGe HBT MMIC LOW NOISE AMPLIFIER, 1.2 - 3.0 GHz
logo
RF Micro Devices
QPA4263A RFMD-QPA4263A Datasheet
765Kb / 8P
CASCADABLE SiGe HBT MMIC AMPLIFIER
QPA4363A RFMD-QPA4363A Datasheet
767Kb / 8P
CASCADABLE SiGe HBT MMIC AMPLIFIER
QPA4463A RFMD-QPA4463A Datasheet
771Kb / 8P
CASCADABLE SiGe HBT MMIC AMPLIFIER
QPA7489A RFMD-QPA7489A Datasheet
639Kb / 9P
CASCADABLE SiGe HBT MMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com