Electronic Components Datasheet Search
  English  ▼

X  

TLP176AM Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP176AM
Description  Photocouplers Photorelay
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP176AM Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP176AM Datasheet HTML 1Page - Toshiba Semiconductor TLP176AM Datasheet HTML 2Page - Toshiba Semiconductor TLP176AM Datasheet HTML 3Page - Toshiba Semiconductor TLP176AM Datasheet HTML 4Page - Toshiba Semiconductor TLP176AM Datasheet HTML 5Page - Toshiba Semiconductor TLP176AM Datasheet HTML 6Page - Toshiba Semiconductor TLP176AM Datasheet HTML 7Page - Toshiba Semiconductor TLP176AM Datasheet HTML 8Page - Toshiba Semiconductor TLP176AM Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TLP176AM
4
8. Absolute Maximum Ratings (UL-approved: UL 508) (Note) (Unless otherwise
specified, Ta = 25 �)
LED
Detector
Common
Characteristics
Input forward current
Input forward current derating
Input forward current (pulsed)
Input reverse voltage
Input power dissipation
Input power dissipation derating
Junction temperature
OFF-state output terminal voltage
ON-state current
ON-state current derating
ON-state current (pulsed)
Output power dissipation
Output power dissipation derating
Junction temperature
Storage temperature
Case temperature
Operating temperature
Lead soldering temperature
Isolation voltage
(Ta ≥ 25 �)
(100 µs pulse, 100 pps)
(Ta ≥ 25 �)
(Ta ≥ 25 �)
(t = 100 ms, duty = 1/10)
(Ta ≥ 25 �)
(10 s)
(AC, 60 s, R.H. ≤ 60 %)
Symbol
IF
∆IF/∆Ta
IFP
VR
PD
∆PD/∆Ta
Tj
VOFF
ION
∆ION/∆Ta
IONP
PO
∆PO/∆Ta
Tj
Tstg
Tc
Topr
Tsol
BVS
Note
(Note 1)
Rating
30
-0.3
1
6
50
-0.5
105
60
700
-7.0
2.1
300
-3.0
105
-55 to 125
105
-40 to 85
260
3750
Unit
mA
mA/�
A
V
mW
mW/�
�
V
mA
mA/�
A
mW
mW/�
�
�
�
�
�
Vrms
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: This device is considered as a two-terminal device: Pins 1 and 3 are shorted together, and pins 4 and 6 are
shorted together.
9. Recommended Operating Conditions (UL-approved: UL 508) (Note)
Characteristics
Supply voltage
Input forward current
ON-state current
Operating temperature
Symbol
VDD
IF
ION
Topr
Note
(Note 1)
(Note 1)
Min
�
5
�
-20
Typ.
�
7.5
�
�
Max
48
19.5
455
85
Unit
V
mA
mA
�
Note:
The recommended operating conditions are given as a design guide necessary to obtain the intended
performance of the device. Each parameter is an independent value. When creating a system design using
this device, the electrical characteristics specified in this data sheet should also be considered.
Note 1: The above recommended operating conditions are at Ta = 60 �.
However, within the derating range of the characteristic curves of "IF - Ta", "ION - Ta", it can be used up to 85 �.
2021-05-27
Rev.6.0
©2017-2021
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com