Electronic Components Datasheet Search
  English  ▼

X  

VS-VSKU162...PBF Datasheet(PDF) 7 Page - Vishay Siliconix

Part # VS-VSKU162...PBF
Description  Thyristor/Thyristor, 160 A (INT-A-PAK Power Modules)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-VSKU162...PBF Datasheet(HTML) 7 Page - Vishay Siliconix

  VS-VSKU162...PBF Datasheet HTML 1Page - Vishay Siliconix VS-VSKU162...PBF Datasheet HTML 2Page - Vishay Siliconix VS-VSKU162...PBF Datasheet HTML 3Page - Vishay Siliconix VS-VSKU162...PBF Datasheet HTML 4Page - Vishay Siliconix VS-VSKU162...PBF Datasheet HTML 5Page - Vishay Siliconix VS-VSKU162...PBF Datasheet HTML 6Page - Vishay Siliconix VS-VSKU162...PBF Datasheet HTML 7Page - Vishay Siliconix VS-VSKU162...PBF Datasheet HTML 8Page - Vishay Siliconix VS-VSKU162...PBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
VS-VSKU162...PbF, VS-VSKV162...PbF Series
www.vishay.com
Vishay Semiconductors
Revision: 27-Jul-2018
7
Document Number: 95901
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CIRCUIT CONFIGURATION
CIRCUIT DESCRIPTION
CIRCUIT
CONFIGURATION CODE
CIRCUIT DRAWING
Two SCRs common cathodes
U
Two SCRs common anodes
V
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95067
VSKU
K2
G2
K1
G1
1
2
3
~
~
K2 G2
K1
G1
(1)
(2)
(3)
-
-
-
-
VSKV
~
~
K2
G2
K1
G1
K2 G2
K1
G1
1
2
3
(1)
(2)
(3)
+
+
+
+



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com