Electronic Components Datasheet Search
  English  ▼

X  

MPC565 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPC565
Description  RISC MCU with Code Compression Option
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC565 Datasheet(HTML) 3 Page - Motorola, Inc

  MPC565 Datasheet HTML 1Page - Motorola, Inc MPC565 Datasheet HTML 2Page - Motorola, Inc MPC565 Datasheet HTML 3Page - Motorola, Inc MPC565 Datasheet HTML 4Page - Motorola, Inc MPC565 Datasheet HTML 5Page - Motorola, Inc MPC565 Datasheet HTML 6Page - Motorola, Inc MPC565 Datasheet HTML 7Page - Motorola, Inc MPC565 Datasheet HTML 8Page - Motorola, Inc MPC565 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MPC565/MPC566
PRODUCT BRIEF
MOTOROLA
3
22-Channel MIOS timer (MIOS14)
• Six modulus counter sub-module (MCSM)
— Four additional MCSM submodules compared to MIOS1
• 10 double action sub-module (DASM).
• 12 dedicated PWM sub-modules (PWMSM)
— Four additional PWM submodules compared to MIOS1 (shared with MIOS GPIO pins)
• Real-time clock sub-module (MRTCSM) provides low power clock/counter
— Requires external 32-KHz crystal
— Uses four pins: two for 32-KHz crystal, two for power/ground.
Two Queued Analog-to-Digital Converter Modules (QADC64E_A, QADC64E_B)
• AMUXes providing a total of 40 analog channels.
• 40 total input channels on the two modules with internal multiplexing (AMUXes)
• Each QADC64E can see all 40 input channels
• 10 bit A/D converter with internal sample/hold
• Typical conversion time is 4 µs (250-Kbyte samples/sec)
• Two conversion command queues of variable length
• Automated queue modes initiated by:
— External edge trigger/level gate
— Software command
— Periodic/interval timer, assignable to both queue 1 and 2
• 64 result registers in each QADC64E module
• Conversions alternate reference (ALTREF) pin. This pin can be connected to a different reference
voltage
• Output data is right or left justified, signed or unsigned
Message Data Link Controller (DLCMD2) Module
• Two pins muxed with QSMCM_B pins. Muxing controlled by QSMCM_B PCS3 pin assignment
register
• SAE J1850 Class B data communications network interface compatible and ISO compatible for
low-speed (
< 125 Kbps) serial data communications in automotive applications
• 10.4 Kbps variable pulse width (VPW) bit format
• Digital noise filter, collision detection
• Hardware cyclical redundancy check (CRC) generation and checking
• Block mode receive and transmit supported
• 4X receive mode supported (41.6 Kbps)
• Digital loopback mode
• In-frame response (IFR) types 0, 1, 2, and 3 supported
• Dedicated register for symbol timing adjustments
• Inter-module bus 3 (IMB3) slave interface
• Power-saving IMB3 stop mode with automatic wakeup on network activity
• Power-saving IMB3 CLOCKDIS mode
• Debug mode available through IMB3 FREEZE signal or user controllable SOFT_FRZ bit
• Polling and IMB3 interrupt generation with vector lookup available
Three TouCAN™ Modules (TOUCAN_A, TOUCAN_B, TOUCAN_C)
• 16 message buffers each, programmable I/O modes
• Maskable interrupts
• Programmable loop-back for self test operation
• Independent of the transmission medium (external transceiver is assumed)
• Open network architecture, multimaster concept
• High immunity to EMI
• Short latency time for high-priority messages
• Low power sleep mode, with programmable wake up on bus activity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com