Electronic Components Datasheet Search
  English  ▼

X  

MPC566 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPC566
Description  RISC MCU with Code Compression Option
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC566 Datasheet(HTML) 2 Page - Motorola, Inc

  MPC566 Datasheet HTML 1Page - Motorola, Inc MPC566 Datasheet HTML 2Page - Motorola, Inc MPC566 Datasheet HTML 3Page - Motorola, Inc MPC566 Datasheet HTML 4Page - Motorola, Inc MPC566 Datasheet HTML 5Page - Motorola, Inc MPC566 Datasheet HTML 6Page - Motorola, Inc MPC566 Datasheet HTML 7Page - Motorola, Inc MPC566 Datasheet HTML 8Page - Motorola, Inc MPC566 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MPC565/MPC566
PRODUCT BRIEF
MOTOROLA
2
• IEEE 1149.1 JTAG test access port
• Bus supports multiple master designs
• Flexible memory protection units in BBC (IMPU) and L2U (DMPU)
• Flexible chip selects via memory controller
— 24-bit address and 32-bit data buses
— Four- to 16-Mbyte (data) or 4-Gbyte (instruction) region size support
— Four-beat transfer bursts, two-clock minimum bus transactions
— Use with SRAM, EPROM, flash and other peripherals
— Byte selects or write enables
— 32-bit address decodes with bit masks
— Four instruction regions
— Four data regions
• Default attributes available in one global entry
• Attribute support for speculative accesses
• Exception vector table relocation features allow exception table to be relocated to following loca-
tions:
— 0x0000 0100 (normal MPC5xx exception table location)
— 0x0001 0000 (0 + 64 Kbytes; second page of internal flash)
— Second internal flash module
— Internal SRAM
— 0x0FFF_0100 (external memory space; normal MPC5xx exception table location)
• USIU supports dual-mapping of flash to move part of internal flash memory to external bus for de-
velopment
One Mbyte Flash
• Two UC3F modules, 512 Kbytes each
• Page mode read
• Block (64-Kbyte) erasable
• External 4.75- to 5.25-V VPP program, erase, and read power supply
36-Kbyte Static RAM (CALRAM)
• Composed of four- and 32-Kbyte CALRAM modules
• Fast access: one clock
• Keep-alive power
• Soft defect detection (SDD)
• 4-Kbyte calibration (overlay) RAM per module (eight Kbytes total)
• Eight 512-byte overlay regions per module (16 regions total)
IEEE – ISTO Nexus 5001-1999 Debug Port (Class 3)
• Address (24) and data (32) pins can be used as GPIO in single chip mode
• Reduced-port mode (1 MDI, 2 MDo) or full-port mode (2 MDI. 8 MDO)
• Many peripheral pins can be used as GPIO when not used as primary functions
• 5-V outputs with slew rate control
Integrated I/O System
• True 5-V I/O
• Three time processing units (TPU3)
— 16 channels each
— Each TPU3 is a microcoded timer subsystem
— One 6-Kbyte and one 4-Kbyte dual port TPU RAM (DPTRAM), one (6-Kbyte) shared by two
TPU3 modules for TPU microcode and the 4-Kbyte dedicated to the third TPU3 for microcode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com