Electronic Components Datasheet Search
  English  ▼

X  

74AHC244 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74AHC244
Description  Octal buffer/line driver; 3-state
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC244 Datasheet(HTML) 3 Page - NXP Semiconductors

  74AHC244 Datasheet HTML 1Page - NXP Semiconductors 74AHC244 Datasheet HTML 2Page - NXP Semiconductors 74AHC244 Datasheet HTML 3Page - NXP Semiconductors 74AHC244 Datasheet HTML 4Page - NXP Semiconductors 74AHC244 Datasheet HTML 5Page - NXP Semiconductors 74AHC244 Datasheet HTML 6Page - NXP Semiconductors 74AHC244 Datasheet HTML 7Page - NXP Semiconductors 74AHC244 Datasheet HTML 8Page - NXP Semiconductors 74AHC244 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1999 Sep 28
3
Philips Semiconductors
Product specification
Octal buffer/line driver; 3-state
74AHC244; 74AHCT244
PINNING
ORDERING INFORMATION
PIN
SYMBOL
DESCRIPTION
11OE
output enable input (active LOW)
2, 4, 6 and 8
1A0 to 1A3
data inputs
3, 5, 7 and 9
2Y0 to 2Y3
bus outputs
10
GND
ground (0 V)
11, 13, 15 and 17
2A3 to 2A0
data inputs
12, 14, 16 and 18
1Y3 to 1Y0
data outputs
19
2OE
output enable input (active LOW)
20
VCC
DC supply voltage
OUTSIDE NORTH
AMERICA
NORTH AMERICA
PACKAGES
PINS
PACKAGE
MATERIAL
CODE
74AHC244D
74AHC244D
20
SO
plastic
SOT163-1
74AHC244PW
74AHC244PW DH
20
TSSOP
plastic
SOT360-1
74AHCT244D
74AHCT244D
20
SO
plastic
SOT163-1
74AHCT244PW
7AHCT244PW DH
20
TSSOP
plastic
SOT360-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com