Electronic Components Datasheet Search
  English  ▼

X  

74AHC245 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74AHC245
Description  Octal bus transceiver; 3-state
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC245 Datasheet(HTML) 3 Page - NXP Semiconductors

  74AHC245 Datasheet HTML 1Page - NXP Semiconductors 74AHC245 Datasheet HTML 2Page - NXP Semiconductors 74AHC245 Datasheet HTML 3Page - NXP Semiconductors 74AHC245 Datasheet HTML 4Page - NXP Semiconductors 74AHC245 Datasheet HTML 5Page - NXP Semiconductors 74AHC245 Datasheet HTML 6Page - NXP Semiconductors 74AHC245 Datasheet HTML 7Page - NXP Semiconductors 74AHC245 Datasheet HTML 8Page - NXP Semiconductors 74AHC245 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1999 Sep 28
3
Philips Semiconductors
Product specification
Octal bus transceiver; 3-state
74AHC245; 74AHCT245
ORDERING INFORMATION
PINNING
OUTSIDE NORTH
AMERICA
NORTH AMERICA
PACKAGES
PINS
PACKAGE
MATERIAL
CODE
74AHC245D
74AHC245D
20
SO
plastic
SOT163-1
74AHC245PW
74AHC245PW DH
20
TSSOP
plastic
SOT360-1
74AHCT245D
74AHCT245D
20
SO
plastic
SOT163-1
74AHCT245PW
7AHCT245PW DH
20
TSSOP
plastic
SOT360-1
PIN
SYMBOL
DESCRIPTION
1
DIR
direction control
2to9
A0 to A7
data inputs/outputs
10
GND
ground (0 V)
11 to 18
B7 to B0
data inputs/outputs
19
OE
output enable input (active LOW)
20
VCC
DC supply voltage
Fig.1 Pin configuration.
handbook, halfpage
DIR
A0
A1
A2
A3
A4
A5
A6
A7
GND
VCC
OE
B0
B1
B3
B4
B2
B5
B6
B7
1
2
3
4
5
6
7
8
9
10
11
12
20
19
18
17
16
15
14
13
245
MNA173



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com